Electronic Components Datasheet Search
  English  ▼

X  

TLV07IDR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV07IDR
Description  TLV07 36-V Precision, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV07IDR Datasheet(HTML) 1 Page - Texas Instruments

  TLV07IDR Datasheet HTML 1Page - Texas Instruments TLV07IDR Datasheet HTML 2Page - Texas Instruments TLV07IDR Datasheet HTML 3Page - Texas Instruments TLV07IDR Datasheet HTML 4Page - Texas Instruments TLV07IDR Datasheet HTML 5Page - Texas Instruments TLV07IDR Datasheet HTML 6Page - Texas Instruments TLV07IDR Datasheet HTML 7Page - Texas Instruments TLV07IDR Datasheet HTML 8Page - Texas Instruments TLV07IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV07
SBOS832A – JULY 2017 – REVISED AUGUST 2017
TLV07 36-V Precision, Rail-to-Rail Output Operational Amplifier
1
1 Features
1
•
Low Offset Voltage: 100 µV (Maximum)
•
Rail-to-Rail Output
•
Low Noise: 19 nV /
√Hz
•
Unity-Gain Stable
•
RFI Filtered Inputs
•
Input Range Includes Negative Supply
•
Rail-to-Rail Output
•
Gain Bandwidth: 1 MHz
•
Low Quiescent Current: 930 µA
•
Full Industrial Temperature Range:
–40°C to +125°C
•
Offered in the Industry-Standard 8-Pin SOIC
Package
2 Applications
•
Battery Testers
•
Tracking Amplifier in Power Modules
•
Merchant Power Supplies
•
Transducer Amplifiers
•
Temperature Measurements
•
Strain Gauge Amplifiers
3 Description
The TLV07 device is a 36-V, single-supply, low-noise,
precision
operational
amplifier
(op
amp)
manufactured
using
TI’s
laser
trim
operational
amplifier technology. Each amplifiers' input offset
voltage is trimmed in production to obtain a low offset
voltage of 100 µV (maximum).
The TLV07 offers outstanding dc precision and ac
performance, including rail-to-rail output, low offset
voltage (±100 µV, maximum) and 1-MHz bandwidth.
The TLV07 is stable at G = 1 with capacitive loads up
to 200 pF. The input can operate 100 mV below the
negative rail and within 2 V of the positive rail. This
wide input voltage range, combined with a high
CMRR of 120 dB, make the TLV07 well-suited when
operated in the non-inverting configuration.
The TLV07 op amp is specified from –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV07
SOIC (8)
4.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
Single Pole Low-Pass Filter With Gain


Similar Part No. - TLV07IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV07IDR TI1-TLV07IDR Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - TLV07IDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
Low-power, rail-to-rail output, 36 V operational amplifier
17-Aug-2015
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com