Electronic Components Datasheet Search
  English  ▼

X  

TLV171 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV171
Description  TLVx171 36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV171 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV171 Datasheet HTML 17Page - Texas Instruments TLV171 Datasheet HTML 18Page - Texas Instruments TLV171 Datasheet HTML 19Page - Texas Instruments TLV171 Datasheet HTML 20Page - Texas Instruments TLV171 Datasheet HTML 21Page - Texas Instruments TLV171 Datasheet HTML 22Page - Texas Instruments TLV171 Datasheet HTML 23Page - Texas Instruments TLV171 Datasheet HTML 24Page - Texas Instruments TLV171 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
10
100
1000
10000
0.1
1
10
100
1000
Capacitive Load (nF)
45°Phase Margin
60°Phase Margin
C002
0
AOL
1/
20
40
60
80
10
100
1k
10k
100k
1M
100
120
10M
100M
Frequency (Hz)
20 dB
ROC
dec
40 dB
1 dec
z
ISO
LOAD
1
f
2
R
C
Œ
u
u
u
p
ISO
o
LOAD
1
f
2
R
R
C
Œ
u
u
u
21
TLV171, TLV2171, TLV4171
www.ti.com
SBOS783 – SEPTEMBER 2016
Product Folder Links: TLV171 TLV2171 TLV4171
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 31. Unity-Gain Amplifier With RISO Compensation
ROC stability analysis is typically simulated. The validity of the analysis depends on multiple factors, especially
the accurate modeling of RO. In addition to simulating the ROC, a robust stability analysis includes a
measurement of overshoot percentage and ac gain peaking of the circuit using a function generator,
oscilloscope, and gain and phase analyzer. Phase margin is then calculated from these measurements. Table 2
shows the overshoot percentage and ac gain peaking that correspond to phase margins of 45° and 60°. For
more details on this design and other alternative devices that can be used in place of the TLV171, see the
Precision Design, Capacitive Load Drive Solution Using an Isolation Resistor.
Table 2. Phase Margin versus Overshoot and AC Gain
Peaking
PHASE
MARGIN
OVERSHOOT
AC GAIN PEAKING
45°
23.3%
2.35 dB
60°
8.8%
0.28 dB
8.2.3 Application Curve
Using the described methodology, the values of RISO that yield phase margins of 45º and 60º for various
capacitive loads were determined. The results are shown in Figure 32.
Figure 32. Isolation Resistor Required for Various Capacitive Loads to Achieve a Target Phase Margin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com