Electronic Components Datasheet Search
  English  ▼

X  

TLV172IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV172IDBVR
Description  TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV172IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV172IDBVR Datasheet HTML 17Page - Texas Instruments TLV172IDBVR Datasheet HTML 18Page - Texas Instruments TLV172IDBVR Datasheet HTML 19Page - Texas Instruments TLV172IDBVR Datasheet HTML 20Page - Texas Instruments TLV172IDBVR Datasheet HTML 21Page - Texas Instruments TLV172IDBVR Datasheet HTML 22Page - Texas Instruments TLV172IDBVR Datasheet HTML 23Page - Texas Instruments TLV172IDBVR Datasheet HTML 24Page - Texas Instruments TLV172IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
1
10
100
1000
0.01
0.1
1
10
100
1000
C
LOAD (nF)
60°Phase Margin
45°Phase Margin
C041
0
AOL
1/
20
40
60
80
10
100
1k
10k
100k
1M
100
120
10M
100M
Frequency (Hz)
20 dB
ROC
dec
40 dB
1 dec
z
ISO
LOAD
1
f
2
R
C
Œ
u
u
u
p
ISO
o
LOAD
1
f
2
R
R
C
Œ
u
u
u
21
TLV172, TLV2172, TLV4172
www.ti.com
SBOS784C – NOVEMBER 2016 – REVISED JANUARY 2019
Product Folder Links: TLV172 TLV2172 TLV4172
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Typical Application (continued)
Figure 30. Unity-Gain Amplifier With RISO Compensation
Typically, ROC stability analysis is simulated. The validity of the analysis depends on multiple factors, especially
the accurate modeling of Ro. In addition to simulating the ROC, a robust stability analysis includes a
measurement of overshoot percentage and AC gain peaking of the circuit using a function generator,
oscilloscope, and gain and phase analyzer. Phase margin is then calculated from these measurements. Table 3
shows the overshoot percentage and AC gain peaking that correspond to phase margins of 45° and 60°. For
more details on this design and other alternative devices that can replace the TLVx172, see the Capacitive Load
Drive Solution Using an Isolation Resistor precision design.
Table 3. Phase Margin versus Overshoot and AC Gain
Peaking
PHASE
MARGIN
OVERSHOOT
AC GAIN PEAKING
45°
23.3%
2.35 dB
60°
8.8%
0.28 dB
9.2.3 Application Curve
The values of RISO that yield phase margins of 45º and 60º for various capacitive loads are determined using the
described methodology. Figure 31 shows the results.
Figure 31. Isolation Resistor Required for Various Capacitive Loads to Achieve a Target Phase Margin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com