Electronic Components Datasheet Search
  English  ▼

X  

TLV4313 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV4313
Description  TLVx313 Low-Power, Rail-to-Rail In/Out, 500-μV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV4313 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV4313 Datasheet HTML 6Page - Texas Instruments TLV4313 Datasheet HTML 7Page - Texas Instruments TLV4313 Datasheet HTML 8Page - Texas Instruments TLV4313 Datasheet HTML 9Page - Texas Instruments TLV4313 Datasheet HTML 10Page - Texas Instruments TLV4313 Datasheet HTML 11Page - Texas Instruments TLV4313 Datasheet HTML 12Page - Texas Instruments TLV4313 Datasheet HTML 13Page - Texas Instruments TLV4313 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
10
TLV313, TLV2313, TLV4313
SBOS753B – JUNE 2016 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TLV313 TLV2313 TLV4313
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Parameters with minimum or maximum specification limits are 100% production tested at 25ºC, unless otherwise noted. Over-
temperature limits are based on characterization and statistical analysis.
7.8 Electrical Characteristics: 1.8 V
At TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS+ – 1.3 V, and VOUT = VS / 2, unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
0.75
3
mV
dVOS/dT
Input offset voltage vs
temperature
TA = –40°C to 125°C
2
μV/°C
PSRR
Power-supply rejection ratio
74
90
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
No phase reversal, rail-to-rail input
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode rejection ratio
(VS–) – 0.2 V < VCM < (VS+) – 1.3 V
85
dB
VCM = –0.2 V to +1.8 V
73
dB
INPUT BIAS CURRENT
IB
Input bias current
±1
pA
IOS
Input offset current
±1
pA
NOISE
Input voltage noise (peak-to-
peak)
f = 0.1 Hz to 10 Hz
6
μVPP
en
Input voltage noise density
f = 10 kHz
22
nV/
√Hz
f = 1 kHz
26
nV/
√Hz
in
Input current noise density
f = 1 kHz
5
fA/
√Hz
INPUT CAPACITANCE
CIN
Differential
1
pF
Common-mode
5
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
0.1 V < VO < (V+) – 0.1 V, RL = 10 kΩ
110
dB
0.05 V < VO < (V+) – 0.05 V, RL = 100 kΩ
110
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com