Electronic Components Datasheet Search
  English  ▼

X  

TLV172IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV172IDBVT
Description  TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV172IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV172IDBVT Datasheet HTML 1Page - Texas Instruments TLV172IDBVT Datasheet HTML 2Page - Texas Instruments TLV172IDBVT Datasheet HTML 3Page - Texas Instruments TLV172IDBVT Datasheet HTML 4Page - Texas Instruments TLV172IDBVT Datasheet HTML 5Page - Texas Instruments TLV172IDBVT Datasheet HTML 6Page - Texas Instruments TLV172IDBVT Datasheet HTML 7Page - Texas Instruments TLV172IDBVT Datasheet HTML 8Page - Texas Instruments TLV172IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
VCC
VEE
VCC
VCC
VEE
VEE
VCC
LSK489
R1
3.9 k
Ÿ
R2
3.9 k
Ÿ
V1
15 V
V2
15 V
VOUT
R3
1.13 k
Ÿ
R4
11.5
Ÿ
MMBT4401
MMBT4401
R5
300
Ÿ
Q3
Q4
+ +
Q1
Q2
R6
27.4 k
Ÿ
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV172, TLV2172, TLV4172
SBOS784C – NOVEMBER 2016 – REVISED JANUARY 2019
TLVx172 36-V, single-supply, low-power
operational amplifier for cost-sensitive systems
1
1 Features
1
•
Supply Range: 4.5 V to 36 V, ±2.25 V to ±18 V
•
Low Noise: 9 nV/
√Hz
•
Low Offset Drift: ±1 μV/°C (Typical)
•
EMI-Hardened
•
Input Range Includes Negative Supply
•
Rail-to-Rail Output
•
Gain Bandwidth: 10 MHz
•
Slew Rate: 10 V/μs
•
Low Quiescent Current: 1.6 mA per Amplifier
•
High Common-Mode Rejection: 116 dB (Typical)
•
Low Input Bias Current: 10 pA
2 Applications
•
TFT-LCD Drive Circuits
•
Touch-Screen Displays
•
Wireless LANs
•
Portable Instrumentation
•
Analog-to-Digital Converter (ADC) Buffers
•
Active Filters
•
Line Drivers or Line Receivers
•
Ultrasound
•
Currency Counters
•
Transducer Amplifiers
3 Description
The TLVx172 family of electromagnetic interference
(EMI)-hardened,
36-V,
single-supply,
low-noise
operational amplifiers (op amps) features a THD+N of
0.0002% at 1 kHz with the ability to operate on
supplies ranging from 4.5 V (±2.25 V) to 36 V (±18V).
These features, along with low noise and very high
PSRR, enable the TLVx172 to amplify microvolt-level
signals
in
applications
such
as
HEV
and
EV
automobiles
and
power
trains,
medical
instrumentation, and more. The TLVx172 device
offers good offset and drift, a high bandwidth of 10
MHz, and a slew rate of 10 V/μs with only 2.3 mA of
quiescent current over temperature (maximum).
Unlike most op amps that are specified at only one
supply voltage, the TLVx172 device is specified from
4.5 V to 36 V. Input signals beyond the supply rails
do not cause phase reversal. TLVx172 device is
stable with capacitive loads up to 300 pF. The input
can operate 100 mV below the negative rail and
within 2 V of the positive rail for normal operation.
Note that the device can operate with a full rail-to-rail
input 100 mV beyond the positive rail, but with
reduced performance within 2 V of the positive rail.
The TLVx172 op amp is specified from –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV172
SOIC (8)
4.90 mm × 3.91 mm
SC70 (5)
2.00 mm × 1.25 mm
SOT-23 (5)
2.90 mm × 1.60 mm
TLV2172
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
TLV4172
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TLV172IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV172IDBVT TI1-TLV172IDBVT Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV172IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV9001_1810 TI1-TLV9001_1810 Datasheet
4Mb / 70P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001_181029 TI1-TLV9001_181029 Datasheet
4Mb / 70P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001_1905 TI1-TLV9001_1905 Datasheet
4Mb / 81P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com