Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV707P
Description  TLV707, TLV707P 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV707P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV707P Datasheet HTML 7Page - Texas Instruments TLV707P Datasheet HTML 8Page - Texas Instruments TLV707P Datasheet HTML 9Page - Texas Instruments TLV707P Datasheet HTML 10Page - Texas Instruments TLV707P Datasheet HTML 11Page - Texas Instruments TLV707P Datasheet HTML 12Page - Texas Instruments TLV707P Datasheet HTML 13Page - Texas Instruments TLV707P Datasheet HTML 14Page - Texas Instruments TLV707P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
6.6 Typical Characteristics (continued)
at TJ = –40°C to +85°C, VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 10 mA, VEN = VIN, and COUT = 1 μF
(unless otherwise noted); typical values are at TJ = 25°C
Input Voltage (V)
450
425
400
375
350
325
300
275
250
3.1
5.5
3.7
4.3
4.9
25 C
°
-
°
40 C
VOUT = 5.0 V
Figure 6-31. Current Limit vs Input Voltage
10
10M
Frequency (Hz)
90
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
I
= 30 mA
I
= 150 mA
OUT
OUT
VOUT = 1.2 V
Figure 6-32. Power-Supply Ripple Rejection vs Frequency
10
10M
Frequency (Hz)
90
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
I
= 30 mA
I
= 150 mA
OUT
OUT
VOUT = 2.8 V
Figure 6-33. Power-Supply Ripple Rejection vs Frequency
10
10M
Frequency (Hz)
90
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
I
= 30 mA
I
= 150 mA
OUT
OUT
VOUT = 5.0 V
Figure 6-34. Power-Supply Ripple Rejection vs Frequency
3.1
3.8
Input Voltage (V)
70
60
50
40
30
20
10
0
1 kHz
1 MHz
3.2
3.3
3.4
3.5
3.6
3.7
VOUT = 2.8 V, IOUT = 30 mA
Figure 6-35. Power-Supply Ripple Rejection vs Input Voltage
3.1
3.8
Input Voltage (V)
70
60
50
40
30
20
10
0
1 kHz
1 MHz
3.2
3.3
3.4
3.5
3.6
3.7
VOUT = 2.8 V, IOUT = 150 mA
Figure 6-36. Power-Supply Ripple Rejection vs Input Voltage
www.ti.com
TLV707, TLV707P
SBVS153G – FEBRUARY 2011 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV707 TLV707P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com