Electronic Components Datasheet Search
  English  ▼

X  

TLV376IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV376IDBVT
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV376IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV376IDBVT Datasheet HTML 4Page - Texas Instruments TLV376IDBVT Datasheet HTML 5Page - Texas Instruments TLV376IDBVT Datasheet HTML 6Page - Texas Instruments TLV376IDBVT Datasheet HTML 7Page - Texas Instruments TLV376IDBVT Datasheet HTML 8Page - Texas Instruments TLV376IDBVT Datasheet HTML 9Page - Texas Instruments TLV376IDBVT Datasheet HTML 10Page - Texas Instruments TLV376IDBVT Datasheet HTML 11Page - Texas Instruments TLV376IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
1
10
100
10
1
Frequency(Hz)
100k
100
1k
10k
10
100
1
0.1
0.01
0.001
0.0001
Frequency (Hz)
100k
1k
10k
Gain = 10 V/V
Gain = 1 V/V
-50
-25
160
140
120
100
80
Temperature ( C)
°
150
50
100
0
25
75
125
Open-Loop Gain (R = 2
)
kW
L
Power-Supply Rejection Ratio
(V = 2.1 V to 5.5 V)
S
1 s/div
0.1
160
140
120
100
80
60
40
20
0
-20
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
Frequency(Hz)
10M
1
100k
10
100
1k
10k
1M
Gain
Phase
10
120
100
80
60
40
20
0
Frequency (Hz)
10M
100k
100
1k
10k
1M
V(+) Power-Supply Rejection Ratio
V( )
- Power-Supply Rejection Ratio
Common-Mode
Rejection Ratio
8
TLV376, TLV2376, TLV4376
SBOS755 – OCTOBER 2016
www.ti.com
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, VS = 5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 1. Open-Loop Gain and Phase vs Frequency
Figure 2. Power-Supply and Common-Mode Rejection Ratio
vs Frequency
Figure 3. Open-Loop Gain and Power-Supply Rejection
Ratio vs Temperature
Figure 4. 0.1-Hz to 10-Hz Input Voltage Noise
Figure 5. Input Voltage Noise Spectral Density
VS = 5 V, VCM = 2 V, VOUT = 1 VRMS
Figure 6. Total Harmonic Distortion + Noise vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com