Electronic Components Datasheet Search
  English  ▼

X  

WRP1W Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # WRP1W
Description  POWER TYPE SILICON COATED WIRE WOUND RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

WRP1W Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  WRP1W Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
85
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Type
W
L1
dL2
PD
Characteristics
Remark
Type
Resistance Range
Operating
E-96-F(
± 1%), E-24-G(± 2%), J(± 5%)
Temp. Rang
■FEATURES
• Coated with silicone resin of high resistance
• Ceramic rod results in performance levels far superior to general
fiberglass core.
• Available to high resistance by automatic winding.
• Coating Color: Pink(WRP)
• Marking: Color Code
■TAPING DIMENSIONS
W
L1
L2
L1
0.08Max
0.5Max
3.2Max
P
6
± 1
¿
¿
d
D
WRP 1W
64
± 1.0
26
± 1.0
0.80
12
± 1.0
5.0
± 1.0
4.3
± 0.5
WRPS 2W
64
± 1.0
26
± 1.0
0.80
12
± 1.0
5.0
± 1.0
4.3
± 0.5
WRP 2W
64
± 1.0
24
± 1.0
0.80
16
± 1.0
10.0
± 1.0
6.0
± 0.5
WRPS 3W
64
± 1.0
24
± 1.0
0.80
16
± 1.0
10.0
± 1.0
6.0
± 0.5
Short Time Over Load
±(1%+0.05Ω)
Dielectric Withstanding Voltage
±(1%+0.05Ω)
Resistance To Soldering Heat
±(1%+0.05Ω)
Moisture Resistance
±(5%+0.05Ω)
Load Life
±(5%+0.05Ω)
Resistance Temp. Coefficient
= 20Ω: ± 260ppm/˚C
< 20Ω:
±400ppm/˚C
Inductance
290mH, Initial Resistance
Value = 2%
■SPECIFICATIONS
■CHARACTERISTICS
■HOW TO ORDER
■SURFACE TEMPERATURE RISE
■DERATING CURVE
WRP
2W
10
Ω
JTB
12
3
4
5
1. ABCO Code
2. Power Rating
3. Resistance
4. Tolerance(
±1%, ±2%, ±5%)
5. Packing: TB is Tape & Ammo Box
WRP 1W
0.1-50
Ω
WRP 2W
0.1-100
Ω
-40
˚C
WRPS 2W
0.1-250
Ω
~ +155
˚C
WRPS 3W
0.1-250
Ω
■SELF-STANDING LEAD TYPE
• M-FORMING TYPE
3
± 0.5
20
± 1.0
3
± 0.5
6
± 0.5
6
± 1.0
100
80
60
40
20
0
250 300
200
150
100
50
0
-50
70
40
155
275
Ambient Temperature(˚C)
1W, 2W
3W
250
200
150
100
1W
2W
3W
50
20
40
60
80
100
120
0
Rated Load(%)
WRP SERIES POWER TYPE SILICON COATED WIRE WOUND RESISTORS
Unit: mm
*Available to WRP on special for 5W, 7W, 10W and 15W.


Similar Part No. - WRP1W

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WRP12SX-U ETA-USA-WRP12SX-U Datasheet
157Kb / 3P
450 WATT AC-DC CONVERTER
WRP15SX-U ETA-USA-WRP15SX-U Datasheet
157Kb / 3P
450 WATT AC-DC CONVERTER
logo
CT Micro International ...
WRP161504-CTC2 CTMICRO-WRP161504-CTC2 Datasheet
1Mb / 11P
Dual Wavelength SMD Type Emitter
Rev 2 Jan, 2021
More results

Similar Description - WRP1W

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT-1 WILLOW-UT-1 Datasheet
408Kb / 2P
Silicone Coated Power Resistors
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
List of Unclassifed Man...
BSR200W10KGO ETC-BSR200W10KGO Datasheet
353Kb / 1P
Slide-Type Wire-Wound Power Resistors
IRC40 ETC-IRC40 Datasheet
875Kb / 2P
compact type metal clad wire wound resistors
RW1S ETC-RW1S Datasheet
832Kb / 1P
WIRE WOUND RESISTORS
IRN50 ETC-IRN50 Datasheet
1Mb / 2P
FLAT TYPE CLAD WIRE WOUND RESISTORS
logo
Dubilier
DWR DUBILIER-DWR Datasheet
326Kb / 2P
Power Wire Wound Resistors
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
Wire Wound Resistors
OCT-25-2023
SKN RFE-SKN Datasheet
971Kb / 3P
Wire Wound Resistors
OCT-30-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com