Electronic Components Datasheet Search
  English  ▼

X  

MCSKB14-E Datasheet(PDF) 1 Page - Multicomp Pro

Part # MCSKB14-E
Description  Power Relay with LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSKB14-E Datasheet(HTML) 1 Page - Multicomp Pro

  MCSKB14-E Datasheet HTML 1Page - Multicomp Pro MCSKB14-E Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.1
10/06/22
Power Relay with LED
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
MCJQX-13F-KE2C-XXXX
MCJQX-13F-KE4C-XXXX
Features
•  Small size
•  High switching power
•  High sensitivity
Specifications
Contact
Contact Form
2 Change
4 Change
Rated Load
Resistive (AC-1)
5A/250V AC 30V DC
Motor (AC-15)
1/3HP, 120V AC  1/2HP, 240V AC 1/3HP, 240V AC  1/6HP, 240V AC
Operating Power (Resistive)
2500VA 300W
1250VA 150W
Contact Resistance (Initial)
≤50mΩ
Material
Ag alloy
Electrical Life
≥ 105 Cycles (1800 Ops/h)
Mechanical Life
≥ 107 Cycles (18000 Ops/h)
Operate Voltage (at 25°C)
DC:≤75% Rated Voltage, AC: ≤80% Rated Voltage
Release Voltage (at 25°C)
DC:≥10% Rated Voltage, AC: ≥30% Rated Voltage
Max. Allowed voltage (at 25°C)
110% Rated Voltage
Insulation Resistance
≥500MΩ (500V DC)
Coil Power  
Consumption
DC (W)
0.9
AC (VA)
1.2
Operate Time
≤20ms
Release Time
≤20ms
Dielectric 
Strength
Between Contacts
1,000V AC/1 min (Leakage Current 1mA)
Between Contacts (different pole)
1,000V AC/1 min (Leakage Current 1mA)
Between contact and coil
2,000V AC/1 min (Leakage Current 1mA)
Ambient Temperature
-55°C to +70°C
Humidity
35% RH to 85% RH
Atmospheric Pressure
86KPa to 106KPa
Shock Resistance
10G (Half a wave of pulses of sine: 11ms)
Vibration Resistance
10~55Hz Dual amplitude: 1mm
Install Model
Plug-in Terminals/PCB Terminal
Weight
35g


Similar Part No. - MCSKB14-E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
Metal Element Current Sense
logo
XP Power Limited
MCS XPPOWER-MCS Datasheet
394Kb / 2P
Rugged Desktop Design
logo
Copal Electronics
MCS COPAL-MCS Datasheet
666Kb / 9P
Sub-miniature Slide Switches
logo
Laird Tech Smart Techno...
MCS LSTD-MCS Datasheet
200Kb / 2P
High power performance
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
542Kb / 2P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
More results

Similar Description - MCSKB14-E

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRM PICKER-PTRM Datasheet
186Kb / 2P
Power PCB Relay With Magnetic Blowout
logo
Recom International Pow...
REDIN120 RECOM-REDIN120 Datasheet
2Mb / 8P
DC OK Indicator LED with Relay Contacts
logo
Willow Technologies Ltd
DA30-P736 WILLOW-DA30-P736 Datasheet
327Kb / 2P
power relay with PCB option
logo
PHOENIX CONTACT
PR2-RSC3-LV-120AC PHOENIX-PR2-RSC3-LV-120AC Datasheet
113Kb / 6P
Relay with detectable manual operation and status LED
PR2-RSP3-LV-24AC PHOENIX-PR2-RSP3-LV-24AC Datasheet
111Kb / 5P
Relay with detectable manual operation and status LED
RIF-1-RSC-LDP-24DC PHOENIX-RIF-1-RSC-LDP-24DC Datasheet
127Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
logo
Schneider Electric
792XDXCL-240A SCHNEIDER-792XDXCL-240A Datasheet
195Kb / 4P
Power relay, SE Relays, 4PDT, 6A, 240 VAC, clear cover with LED
Jul 22, 2021
792XDXCL-120A SCHNEIDER-792XDXCL-120A Datasheet
195Kb / 4P
Power relay, SE Relays, 4PDT, 6A, 120 VAC, clear cover with LED
Jul 22, 2021
792XDXCL-48D SCHNEIDER-792XDXCL-48D Datasheet
195Kb / 4P
Power relay, SE Relays, 4PDT, 6A, 48 VDC, clear cover with LED
Jul 22, 2021
792XDXCL-24A SCHNEIDER-792XDXCL-24A Datasheet
195Kb / 4P
Power relay, SE Relays, 4PDT, 6A, 24 VAC, clear cover with LED
Jul 22, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com