Electronic Components Datasheet Search
  English  ▼

X  

1753967 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753967
Description  MC 1,5/ 6-ST-5,08 GYBD6-1SOCN2 - PCB connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753967 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753967 Datasheet HTML 1Page - PHOENIX CONTACT 1753967 Datasheet HTML 2Page - PHOENIX CONTACT 1753967 Datasheet HTML 3Page - PHOENIX CONTACT 1753967 Datasheet HTML 4Page - PHOENIX CONTACT 1753967 Datasheet HTML 5Page - PHOENIX CONTACT 1753967 Datasheet HTML 6Page - PHOENIX CONTACT 1753967 Datasheet HTML 7Page - PHOENIX CONTACT 1753967 Datasheet HTML 8Page - PHOENIX CONTACT 1753967 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 1.5 mm2, color: gray, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: MC 1,5/..-
ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking:
without, mounting method: without, type of packaging: packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Commercial data
Item number
1753967
Packing unit
50 pc
Minimum order quantity
50 pc
Product key
AABACA
GTIN
4046356336994
Weight per piece (including packing)
4.86 g
Weight per piece (excluding packing)
4.428 g
Customs tariff number
85366990
Country of origin
IN
MC 1,5/ 6-ST-5,08 GYBD6-1SOCN2 - PCB connector
1753967
https://www.phoenixcontact.com/pc/products/1753967
Nov 11, 2025, 1:26AM
Page 1 (10)


Similar Part No. - 1753967

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17539 VICOR-17539 Datasheet
75Kb / 1P
HTSNK, C LONG,. .911 LOW FLOW. THRU HOLE
logo
List of Unclassifed Man...
17539 ETC2-17539 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Vicor Corporation
17539-G VICOR-17539-G Datasheet
75Kb / 1P
HTSNK, C LONG,. .911 LOW FLOW. THRU HOLE
logo
PHOENIX CONTACT
1753909 PHOENIX-1753909 Datasheet
61Kb / 3P
Printed-circuit board connector - MCV 1,5/ 8-GF-3,81 BK AU
logo
List of Unclassifed Man...
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN WIRE HARNESS
More results

Similar Description - 1753967

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803617 PHOENIX-1803617 Datasheet
144Kb / 6P
MC 1,5/ 6-ST-3,81
1840405 PHOENIX-1840405 Datasheet
140Kb / 5P
MC 1,5/ 6-ST-3,5
1836082 PHOENIX-1836082 Datasheet
436Kb / 13P
PCB connector - MC 1,5/ 3-ST-5,08
Jul 21, 2022
1836118 PHOENIX-1836118 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 6-ST-5,08
Jan 3, 2023
1836134 PHOENIX-1836134 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 8-ST-5,08
Jan 3, 2023
1836228 PHOENIX-1836228 Datasheet
569Kb / 13P
PCB header - MC 1,5/ 6-G-5,08
Jan 4, 2023
1847437 PHOENIX-1847437 Datasheet
429Kb / 13P
PCB connector - MC 1,5/10-STF-5,08
Jan 10, 2023
1847505 PHOENIX-1847505 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 6-GF-5,08
Jan 5, 2023
1836147 PHOENIX-1836147 Datasheet
423Kb / 13P
MC 1,5/ 9-ST-5,08 - PCB connector
1900918 PHOENIX-1900918 Datasheet
437Kb / 13P
MC 1,5/ 5-ST1F-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com