Electronic Components Datasheet Search
  English  ▼

X  

1753983 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1753983
Description  MC 1,5/ 8-ST-3,81 GYBD:8-1 CN6 - PCB connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753983 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1753983 Datasheet HTML 1Page - PHOENIX CONTACT 1753983 Datasheet HTML 2Page - PHOENIX CONTACT 1753983 Datasheet HTML 3Page - PHOENIX CONTACT 1753983 Datasheet HTML 4Page - PHOENIX CONTACT 1753983 Datasheet HTML 5Page - PHOENIX CONTACT 1753983 Datasheet HTML 6Page - PHOENIX CONTACT 1753983 Datasheet HTML 7Page - PHOENIX CONTACT 1753983 Datasheet HTML 8Page - PHOENIX CONTACT 1753983 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Conductor cross-section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 0.75 mm²
2 conductors with same cross section, solid
0.08 mm² ... 0.5 mm²
2 conductors with same cross section, flexible
0.08 mm² ... 0.75 mm²
2 conductors with same cross section, flexible, with ferrule
without plastic sleeve
0.25 mm² ... 0.34 mm²
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 0.5 mm²
Cylindrical gauge a x b / diameter
2.4 mm x 1.5 mm / 1.6 mm
Stripping length
7 mm
Drive form screw head
Slotted (L)
Tightening torque
0.22 Nm ... 0.25 Nm
Specifications for ferrules without insulating collar
recommended crimping tool
1212034 CRIMPFOX 6
Specifications for ferrules with insulating collar
recommended crimping tool
1212034 CRIMPFOX 6
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
hot-dip tin-plated
Metal surface terminal point (top layer)
Tin (4 - 8 µm Sn)
Metal surface contact area (top layer)
Tin (4 - 8 µm Sn)
Material data - housing
Color (Housing)
gray (7042)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Dimensions
Dimensional drawing
Pitch
3.81 mm
MC 1,5/ 8-ST-3,81 GYBD:8-1 CN6 - PCB connector
1753983
https://www.phoenixcontact.com/pc/products/1753983
Nov 11, 2025, 1:22AM
Page 3 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com