Electronic Components Datasheet Search
  English  ▼

X  

1800921 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1800921
Description  MSTBT 2,5/ 6-ST-5,08 BK - PCB connector
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1800921 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1800921 Datasheet HTML 1Page - PHOENIX CONTACT 1800921 Datasheet HTML 2Page - PHOENIX CONTACT 1800921 Datasheet HTML 3Page - PHOENIX CONTACT 1800921 Datasheet HTML 4Page - PHOENIX CONTACT 1800921 Datasheet HTML 5Page - PHOENIX CONTACT 1800921 Datasheet HTML 6Page - PHOENIX CONTACT 1800921 Datasheet HTML 7Page - PHOENIX CONTACT 1800921 Datasheet HTML 8Page - PHOENIX CONTACT 1800921 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: black, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
6, number of rows: 1, number of positions: 6, number of connections: 6, product range: MSTBT
2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Commercial data
Item number
1800921
Packing unit
50 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
AACAGI
GTIN
4046356336956
Weight per piece (including packing)
10.395 g
Weight per piece (excluding packing)
9.921 g
Customs tariff number
85366990
Country of origin
DE
MSTBT 2,5/ 6-ST-5,08 BK - PCB connector
1800921
https://www.phoenixcontact.com/pc/products/1800921
Nov 11, 2025, 1:21AM
Page 1 (18)


Similar Part No. - 1800921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1800920 PHOENIX-1800920 Datasheet
57Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 5-ST BK
More results

Similar Description - 1800921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1781043 PHOENIX-1781043 Datasheet
147Kb / 11P
Plug - MSTBT 2,5/ 8-ST-5,08
1779990 PHOENIX-1779990 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
1780002 PHOENIX-1780002 Datasheet
148Kb / 7P
MSTBT 2,5/ 4-ST-5,08
1919899 PHOENIX-1919899 Datasheet
133Kb / 3P
MSTBT 2,5/18-ST-5,08
1914836 PHOENIX-1914836 Datasheet
125Kb / 3P
MSTBT 2,5/ 3-ST BK
1800934 PHOENIX-1800934 Datasheet
59Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 2-ST-5,08 BK
1948064 PHOENIX-1948064 Datasheet
59Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 6-STF-5,08 BK
1962642 PHOENIX-1962642 Datasheet
1Mb / 31P
PCB connector - TFKC 2,5/ 6-ST-5,08
Jan 3, 2023
1975118 PHOENIX-1975118 Datasheet
1Mb / 31P
FKCS 2,5/ 6-ST-5,08 - PCB connector
1912883 PHOENIX-1912883 Datasheet
371Kb / 12P
MVSTBW 2,5 HC/ 6-ST-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com