Electronic Components Datasheet Search
  English  ▼

X  

MOC8050M Datasheet(PDF) 2 Page - ON Semiconductor

Part # MOC8050M
Description  6-Pin DIP Photodarlington Optocoupler (No Base Connection)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC8050M Datasheet(HTML) 2 Page - ON Semiconductor

  MOC8050M Datasheet HTML 1Page - ON Semiconductor MOC8050M Datasheet HTML 2Page - ON Semiconductor MOC8050M Datasheet HTML 3Page - ON Semiconductor MOC8050M Datasheet HTML 4Page - ON Semiconductor MOC8050M Datasheet HTML 5Page - ON Semiconductor MOC8050M Datasheet HTML 6Page - ON Semiconductor MOC8050M Datasheet HTML 7Page - ON Semiconductor MOC8050M Datasheet HTML 8Page - ON Semiconductor MOC8050M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC8021M, MOC8050M Rev. 3.2
April 2015
MOC8021M, MOC8050M
6-Pin DIP Photodarlington Optocoupler
(No Base Connection)
Features
■ High BVCEO:
– Minimum 50 V (MOC8021M)
– Minimum 80 V (MOC8050M)
■ High Current Transfer Ratio:
– Minimum 1000% (MOC8021M)
– Minimum 500% (MOC8050M)
■ No Base Connection for Improved Noise Immunity
■ Safety and Regulatory Approvals:
– UL1577, 4,170 VACRMS for 1 Minute
– DIN-EN/IEC60747-5-5, 850 V Peak Working
Insulation Voltage
Applications
■ Appliances, Measuring Instruments
■ I/O Interface for Computers
■ Programmable Controllers
■ Portable Electronics
■ Interfacing and Coupling Systems of Different
Potentials and Impedance
■ Solid State Relays
Description
The MOC8021M and MOC8050M are photodarlington-
type optically coupled optocouplers. The devices have a
gallium arsenide infrared emitting diode coupled with a
silicon darlington phototransistor.
Schematic
Package Outlines
EMITTER
COLLECT
N/C
OR
1
2
3
ANODE
CATHODE
4
5
6
N/C
Figure 1. Schematic
Figure 2. Package Outlines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com