Electronic Components Datasheet Search
  English  ▼

X  

MOC8050VM Datasheet(PDF) 7 Page - ON Semiconductor

Part # MOC8050VM
Description  6-Pin DIP Photodarlington Optocoupler (No Base Connection)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC8050VM Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MOC8050VM Datasheet HTML 3Page - ON Semiconductor MOC8050VM Datasheet HTML 4Page - ON Semiconductor MOC8050VM Datasheet HTML 5Page - ON Semiconductor MOC8050VM Datasheet HTML 6Page - ON Semiconductor MOC8050VM Datasheet HTML 7Page - ON Semiconductor MOC8050VM Datasheet HTML 8Page - ON Semiconductor MOC8050VM Datasheet HTML 9Page - ON Semiconductor MOC8050VM Datasheet HTML 10Page - ON Semiconductor MOC8050VM Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC8021M, MOC8050M Rev. 3.2
6
Typical Performance Curves (Continued)
Switching Time Test Circuit and Waveform
Figure 10. Switching Time Test Circuit and Waveform
-40
-20
0
20
40
60
80
100
120
100,000
10,000
1.000
100
10
1
0.1
0.01
Figure 9. Dark Current vs. Ambient Temperature
TA - AMBIENT TEMPERATURE (°C)
V
CE
= 10 V
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
WAVE FORMS
tr
tf
INPUT
IF
RL
RBE
VCC = 10 V
OUTPUT
ton
10%
90%
toff
IC
Adjust IF to produce IC = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com