Electronic Components Datasheet Search
  English  ▼

X  

STTH1L06-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1L06-Y
Description  Automotive 1 A - 600 V turbo 2 ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1L06-Y Datasheet HTML 1Page - STMicroelectronics STTH1L06-Y Datasheet HTML 2Page - STMicroelectronics STTH1L06-Y Datasheet HTML 3Page - STMicroelectronics STTH1L06-Y Datasheet HTML 4Page - STMicroelectronics STTH1L06-Y Datasheet HTML 5Page - STMicroelectronics STTH1L06-Y Datasheet HTML 6Page - STMicroelectronics STTH1L06-Y Datasheet HTML 7Page - STMicroelectronics STTH1L06-Y Datasheet HTML 8Page - STMicroelectronics STTH1L06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 7. Reverse recovery charges versus dIF/dt (typical
values)
0
20
40
60
80
100
120
140
160
180
200
220
0
5
10
15
20
25
30
35
40
45
50
VR = 400 V
°C
Tj = 125
I = 0.5 x I
F
F(av)
IF = I (
F av)
rr
Q
n
(
)
C
I = 2 x I
F
F(av)
dIF/dt A/µ
(
s)
Figure 8. Reverse recovery softness factor versus dIF/dt
(typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10
15
20
25
30
35
40
45
50
I = I
F
F(av)
VR = 400 V
Tj = 125 °C
Sfactor
dIF/dt A/µ
(
s)
Figure 9. Relative variation of dynamic parameters versus
junction temperature
0.00
0.25
0.50
0.75
1.00
1.25
25
50
75
100
125
V
I = I
F
F(av)
VR = 400
Reference: T j = 125 °C
j
T °C
(
)
Sfactor
IRM
QRR
Figure 10. Transient peak forward voltage versus dIF/dt
(typical values)
0
2
4
6
8
10
12
14
16
20
40
60
80
100
120
140
160
180
200
F
I = 2 A
Tj = 125 °C
FP
V
V
( )
dIF/dt A/µ
(
s)
Figure 11. Forward recovery time versus dIF/dt (typical
values)
0
20
40
60
80
100
20
40
60
80
100
120
140
160
180
200
FR(
t
ns)
dIF/dt A/µ
(
s)
F
I = 2 A
VFR = 3.5 V
Tj = 125 °C
Figure 12. Junction capacitance versus reverse voltage
applied (typical values)
1
10
100
1
10
100
1000
C(pF)
VR(V)
MHz
F = 1
Vosc = 30 mVRMS
Tj = 25 °C
STTH1L06-Y
Electrical characteristics (curves)
DS10486 - Rev 2
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com