Electronic Components Datasheet Search
  English  ▼

X  

HCC2 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # HCC2
Description  Screw Cover Cap
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

HCC2 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  HCC2 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
27/05/22
Screw Cover Cap
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Specification
External Diameter
: 13mm
Internal Diameter
: 5mm
Wire Gauge
: 6 to 8
Features
•  Plastic hinged design suitable for CSK or PH/RH screws
•  Decorative cap, ideal for covering screw or nail heads, supplied in labelled hanging poly bags.
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Hinged Screw Cover Cap, 13mm, Black, 100 Pack
HCC2


Similar Part No. - HCC2

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HCC2001 HOTTECH-HCC2001 Datasheet
397Kb / 4P
GENERAL PURPOSE TRANSISTOR
HCC2120 HOTTECH-HCC2120 Datasheet
388Kb / 4P
GENERAL PURPOSE TRANSISTOR
logo
Power-One
HCC24-2.4-AG POWER-ONE-HCC24-2.4-AG Datasheet
478Kb / 9P
Linear Power Supplies Data Sheet
logo
OPTEK Technologies
HCC240 OPTEK-HCC240 Datasheet
168Kb / 2P
Sur face Mount Op ti cally Cou pled Iso la tor Types HCC240, HCC242, TX, TXV, ESA- XN
logo
TT Electronics.
HCC240 TTELEC-HCC240 Datasheet
552Kb / 2P
Surface Mount Optically Coupled Isolator
More results

Similar Description - HCC2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
611510 MACOM-611510 Datasheet
34Kb / 1P
COVER CAP 2 POSN
logo
TE Connectivity Ltd
C-880811 TEC-C-880811 Datasheet
162Kb / 1P
COVER CAP 3 POSN
logo
Festo Corporation.
13966 FESTO-13966 Datasheet
60Kb / 1P
Cover cap
7/21/22
13965 FESTO-13965 Datasheet
50Kb / 1P
Cover cap
7/21/22
logo
WECO ELECTRICAL CONNECT...
3070-B1 WECO-3070-B1 Datasheet
206Kb / 1P
Cover cap Accessories
02.19
logo
FIBOX Enclosing innovat...
7010425 FIBOX-7010425 Datasheet
42Kb / 1P
Cover screw
02.08.2023
7010635 FIBOX-7010635 Datasheet
42Kb / 1P
Cover screw
02.08.2023
7028005 FIBOX-7028005 Datasheet
47Kb / 1P
Cover screw
11.08.2023
7038005 FIBOX-7038005 Datasheet
37Kb / 1P
Cover screw set
11.08.2023
7038036 FIBOX-7038036 Datasheet
47Kb / 1P
Cover screw set
11.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com