| Electronic Components Datasheet Search |
|
GSAC-8507BC-2 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
GSAC-8507BC-2 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() ELECTRICAL CHARACTERISTICS (Tamb = 25 °C unless otherwise specified) Symbol Parameter Test Conditions Min Typ Max Unit Vin AC Input Voltage Ich = 0 to 0.7A 187 230 264 Vrms Ichf Fast Charge Current Vin = 187 to 264 Vrms Vbattery = 5 to 8.2V 0.65 0.70 0.75 A Icht Trickle Charge Current Vin = 187 to 264 Vrms Vbattery = 1 to 5V or 0 °C < Tbatt < 10°C or charge completed 20 30 40 mA C Returned Charge Vin = 187 to 264 Vrms 95 % Vbatt Maximum Battery Voltage Protection Vin = 187 to 264 Vrms Ich = 0.7A 8.2 8.5 8.7 V Tco Battery Temperature Cut Off Vin = 187 to 264 Vrms Ich = 0.0A 50 °C tout Time Out Protection Duration Vin = 187 to 264 Vrms Ich = 0.7A 2 hours fs Switching Frequency Vin = 187 to 264 Vrms Ich = 0.03 to 0.7A 100 kHz Top Operating Ambient Temperature Range -20 +60 °C Tstg Storage Temperature Range -25 +85 °C 2/4 Status Condition Red ON - Fast charge (Ich = 0,7A) Green ON - Charge Completed (Ich = 0.03A) - Timer elapsed Red Flashing Anomalous battery conditions (Ich = 0.0A) - Initial Tbattery < 0 °C - Initial Tbattery > 40 °C -Tbattery > 50 °C - Faulty battery Green Flashing (Ich = 0.03A) - Initial charge of deeply discharged batteries -0 °C < Tbatt < 10 °C OFF Battery not connected NOTES 1 - The battery temperature detection is a function of the characteristics of the NTC resistor used inside the battery pack. Please consult factory. 2 - Different fast charge and trickle charge currents, and different time out are available on request (Maximum charge current cannot exceed 1A). 3 - For connector to the battery pack please consult factory. GSAC-8.507BC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |