Electronic Components Datasheet Search
  English  ▼

X  

RFM95W Datasheet(PDF) 68 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95W
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95W Datasheet(HTML) 68 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95W Datasheet HTML 64Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 65Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 66Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 67Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 68Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 69Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 70Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 71Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95W Datasheet HTML 72Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 121 page
background image
Page 68
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Optional DC free data coding
CRC checksum calculation
Preamble
0 to 65536 bytes
Sync Word
0 to 8 bytes
Address
byte
Message
Up to 2047 bytes
CRC
2-bytes
Payload
(min 1 byte)
Fields added by the packet handler in Tx and processed and removed in Rx
Optional User provided fields which are part of the payload
Message part of the payload
Figure 33. Fixed Length Packet Format
Variable Length Packet Format
Variable length packet format is selected when bit PacketFormat is set to 1.
This mode is useful in applications where the length of the packet is not known in advance and can vary over time. It is then
necessary for the transmitter to send the length information together with each packet in order for the receiver to operate
properly.
In this mode the length of the payload, indicated by the length byte, is given by the first byte of the FIFO and is limited to
255 bytes. Note that the length byte itself is not included in its calculation. In this mode, the payload must contain at least 2
bytes, i.e. length + address or message byte.
An illustration of a variable length packet is shown below. It contains the following fields:
Preamble (1010...)
Sync word (Network ID)
Length byte
Optional Address byte (Node ID)
Message data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com