Electronic Components Datasheet Search
  English  ▼

X  

TLV6001IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV6001IDBVT
Description  TLV600x Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6001IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV6001IDBVT Datasheet HTML 9Page - Texas Instruments TLV6001IDBVT Datasheet HTML 10Page - Texas Instruments TLV6001IDBVT Datasheet HTML 11Page - Texas Instruments TLV6001IDBVT Datasheet HTML 12Page - Texas Instruments TLV6001IDBVT Datasheet HTML 13Page - Texas Instruments TLV6001IDBVT Datasheet HTML 14Page - Texas Instruments TLV6001IDBVT Datasheet HTML 15Page - Texas Instruments TLV6001IDBVT Datasheet HTML 16Page - Texas Instruments TLV6001IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Time (125 µs/div)
C028
V
IN
V
OUT
0
20
40
60
80
100
120
10
100
1000
10000
Frequency (MHz)
C033
P
RF = -10 dBm
V
SUPPLY = 5 V
V
CM = 2.5 V
Time (2.5 µs/div)
C024
V
OUT
V
IN
G = +1 V/V
V
S = 1.8 V
R
L = 10 k
Time (2.5 µs/div)
C025
V
OUT
V
IN
G = +1 V/V
V
S = 5.5 V
R
L = 10 k
Time (1 µs/div)
C023
C
L = 10 pF
C
L = 100 pF
V
IN
G = +1 V/V
V
S = 5.5 V
R
L = 10 k
Time (1 µs/div)
C004
G = +1 V/V
V
S = 1.8V
V
CM = 0.5V
R
L = 10 kŸ
V
IN
C
L = 10 pF
C
L = 100 pF
13
TLV6001, TLV6002, TLV6004
www.ti.com
SBOS779D – JUNE 2016 – REVISED MAY 2017
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2, unless otherwise noted.
Figure 13. Small-Signal Pulse Response
(Minimum Supply)
Figure 14. Small-Signal Pulse Response
(Maximum Supply)
Figure 15. Large-Signal Pulse Response
(Minimum Supply)
Figure 16. Large-Signal Pulse Response
(Maximum Supply)
Figure 17. No Phase Reversal
Figure 18. EMIRR IN+ vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com