Electronic Components Datasheet Search
  English  ▼

X  

TLV62095RGTT Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV62095RGTT
Description  TLV62095 4-A High Efficiency Step Down Converter with DCS-Control™
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV62095RGTT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV62095RGTT Datasheet HTML 3Page - Texas Instruments TLV62095RGTT Datasheet HTML 4Page - Texas Instruments TLV62095RGTT Datasheet HTML 5Page - Texas Instruments TLV62095RGTT Datasheet HTML 6Page - Texas Instruments TLV62095RGTT Datasheet HTML 7Page - Texas Instruments TLV62095RGTT Datasheet HTML 8Page - Texas Instruments TLV62095RGTT Datasheet HTML 9Page - Texas Instruments TLV62095RGTT Datasheet HTML 10Page - Texas Instruments TLV62095RGTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SW
MOSFET Driver
Anti Shoot Through
Converter Control
Logic
High Side
Current
Sense
Vref
0.8V
Comparator
Error Amplifier
PVIN
PGND
EN
DEF
EN
M1
M2
VOS
SW
FB
Direct Control
and
Compensation
ramp
Timer
ton
PGND
DCS - Control™
Charge Pump
for
Gate driver
CP
CN
SS
Iss
Voltage clamp
Vref
÷1.56
PVIN
Hiccup
current limit
#32 counter
Output voltage
discharge
logic
200Ω
M3
VREF
PG
VFB
Bandgap
Undervoltage
Lockout
Thermal shutdown
Vin
400kW
AVIN
AGND
(1)
Copyright © 2017, Texas Instruments Incorporated
7
TLV62095
www.ti.com
SLVSDD3A – MARCH 2016 – REVISED JANUARY 2017
Product Folder Links: TLV62095
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV62095 synchronous step down converter is based on DCS-Control™ (Direct Control with Seamless
transition into Power Save Mode). This is an advanced regulation topology that combines the advantages of
hysteretic and voltage mode control.
The DCS-Control™ topology operates in PWM (Pulse Width Modulation) mode for medium to heavy load
conditions and in Power Save Mode at light load currents. In PWM mode, the converter operates with its nominal
switching frequency of 1.4 MHz having a controlled frequency variation over the input voltage range. As the load
current decreases, the converter enters Power Save Mode, reducing the switching frequency and minimizing the
current consumption of the IC to achieve high efficiency over the entire load current range. DCS-Control™
supports both operation modes using a single building block and therefore has a seamless transition from PWM
to Power Save Mode without effects on the output voltage. The TLV62095 offers excellent DC voltage regulation
and load transient regulation, combined with low output voltage ripple, minimizing interference with RF circuits.
7.2 Functional Block Diagram
(1) The resistor is disconnected when EN is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com