Electronic Components Datasheet Search
  English  ▼

X  

TLV6713DDCT Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV6713DDCT
Description  TLV6713 Micropower, 36-V Comparator With 400-mV Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713DDCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV6713DDCT Datasheet HTML 3Page - Texas Instruments TLV6713DDCT Datasheet HTML 4Page - Texas Instruments TLV6713DDCT Datasheet HTML 5Page - Texas Instruments TLV6713DDCT Datasheet HTML 6Page - Texas Instruments TLV6713DDCT Datasheet HTML 7Page - Texas Instruments TLV6713DDCT Datasheet HTML 8Page - Texas Instruments TLV6713DDCT Datasheet HTML 9Page - Texas Instruments TLV6713DDCT Datasheet HTML 10Page - Texas Instruments TLV6713DDCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
120
135
150
165
180
195
Output Sink Current (mA)
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
0.6
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Output Sink Current (mA)
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
0.6
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
4
6
8
10
12
VDD = 1.8 V
VDD = 36 V
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
2
2.5
3
VDD = 1.8V
VDD = 36 V
7
TLV6713
www.ti.com
SBVS331B – JANUARY 2018 – REVISED JULY 2018
Product Folder Links: TLV6713
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = 25°C and VDD = 12 V (unless otherwise noted)
Input step ±200 mV
Figure 8. Propagation Delay vs Temperature
(High-to-Low Transition at SENSE)
Input step ±200 mV
Figure 9. Propagation Delay vs Temperature
(Low-to-High Transition at SENSE)
VDD = 1.8 V
Figure 10. Output Voltage Low vs Output Sink Current
VDD = 12 V
Figure 11. Output Voltage Low vs Output Sink Current
VDD = 5 V
Figure 12. Start-up Delay vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com