Electronic Components Datasheet Search
  English  ▼

X  

TLV757P Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV757P
Description  TLV757P 1A, Low IQ, Small-Size, Low-Dropout Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV757P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV757P Datasheet HTML 7Page - Texas Instruments TLV757P Datasheet HTML 8Page - Texas Instruments TLV757P Datasheet HTML 9Page - Texas Instruments TLV757P Datasheet HTML 10Page - Texas Instruments TLV757P Datasheet HTML 11Page - Texas Instruments TLV757P Datasheet HTML 12Page - Texas Instruments TLV757P Datasheet HTML 13Page - Texas Instruments TLV757P Datasheet HTML 14Page - Texas Instruments TLV757P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
5.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 0.5V or 1.45V (whichever is greater), IOUT = 1mA, VEN = VIN, and CIN
= COUT = 1µF (unless otherwise noted)
Temperature (qC)
-50
-25
0
25
50
75
100
125
1.2
1.24
1.28
1.32
1.36
1.4
UVLO Negative
UVLO Positive
Figure 5-25. UVLO Threshold vs Temperature
Output Current (mA)
0
1
2
3
4
5
0
50
100
150
200
250
300
350
400
450
500
550
600
-40qC
0qC
25qC
85qC
125qC
Figure 5-26. IOUT vs VOUT Pulldown Resistor
Output Current (mA)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
0.8
1.6
2.4
3.2
4
-40qC
0qC
25qC
85qC
125qC
Figure 5-27. 3.3V Foldback Current Limit vs IOUT
www.ti.com
TLV757P
SBVS322C – OCTOBER 2017 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV757P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com