Electronic Components Datasheet Search
  English  ▼

X  

TLV9101 Datasheet(PDF) 33 Page - Texas Instruments

Part # TLV9101
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9101 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLV9101 Datasheet HTML 29Page - Texas Instruments TLV9101 Datasheet HTML 30Page - Texas Instruments TLV9101 Datasheet HTML 31Page - Texas Instruments TLV9101 Datasheet HTML 32Page - Texas Instruments TLV9101 Datasheet HTML 33Page - Texas Instruments TLV9101 Datasheet HTML 34Page - Texas Instruments TLV9101 Datasheet HTML 35Page - Texas Instruments TLV9101 Datasheet HTML 36Page - Texas Instruments TLV9101 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
8.2.1.2 Detailed Design Procedure
This noninverting comparator circuit applies the input voltage (VIN) to the noninverting terminal of the op amp.
Two resistors (R1 and R2) divide the supply voltage (V+) to create a mid-supply threshold voltage (VTH) as
calculated in Equation 1. The circuit is shown in Figure 8-1. When VIN is less then VTH, the output voltage
transitions to the negative supply and equals the low-level output voltage. When VIN is greater than VTH, the
output voltage transitions to the positive supply and equals the high-level output voltage.
In this example, resistor 1 and 2 have been selected to be 100 kΩ, which sets the reference threshold at 7.5 V.
However, resistor 1 and 2 can be adjusted to modify the threshold using Equation 1. The values of resistor 1 and
2 have also been selected to reduce power consumption, but these values can be further increased to reduce
power consumption, or reduced to improve noise performance.
2
1
2
TH
R
V
V
R
R
u
(1)
8.2.1.3 Application Curve
Time (ms)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-2
0
2
4
6
8
10
12
14
16
comp
Input
Output
Figure 8-2. Comparator Output Response to Input Voltage
www.ti.com
TLV9101, TLV9102, TLV9104
SBOS943E – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TLV9101 TLV9102 TLV9104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com