Electronic Components Datasheet Search
  English  ▼

X  

79930 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79930
Description  Tube Pull Handles Clean line
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79930 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79930 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clean line
Tube Pull Handles
Pull Handles
Order No.
l
1
l
2
l
3
d
1
b
1
b
2
h
1
t
1
w
1
79930.W0200
200
288
270
M 6
30 x 1,5
20
60
17
34
79930.W0250
250
338
320
M 6
30 x 1,5
20
60
17
34
79930.W0300
300
388
300
M 6
30 x 1,5
20
60
17
34
79930.W0350
350
438
420
M 6
30 x 1,5
20
60
17
34
79930.W0400
400
488
470
M 6
30 x 1,5
20
60
17
34
79930.W0500
500
588
570
M 6
30 x 1,5
20
60
17
34
79930.W0600
600
688
670
M 6
30 x 1,5
20
60
17
34
79930
0333 207 4497
sales@wixroyd.com
1
Material
Handle shank: polyamide (PA 6), glass
bead reinforced, semi -gloss in RAL9002
grey white.
Handle tube: aluminium section, ALMgSi
0,5, Ø30x1,5mm, powered coated in
RAL9002 grey white.
Tube holder and tube cap: polyamide PA6
glass ball reinforced in similar RAL colour
shade.
Technical Notes
Non detatchable blind rivet nuts ensure
that the handle tube cannot be torn out of
its connection to the shank. Minimum
stress resistance 800N.
Tips
Especially suited for food and medical
industries. All handle lengths and RAL
shades are available on request.


Similar Part No. - 79930

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7993 SONARDYNE-7993 Datasheet
81Kb / 2P
SIPS 2 Tailbuoy Transceiver
logo
3M Electronics
7993MP 3M-7993MP Datasheet
16Kb / 3P
Single Side Membrane Switch Spacer 7993MP
July 2000
More results

Similar Description - 79930

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
OFBLT-P-2.6-05-PP RICHCO-OFBLT-P-2.6-05-PP Datasheet
54Kb / 1P
OPTICAL FIBER BEND LIMITING TUBE, PULL CORD VERSION
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
23-6337-8806 ETC2-23-6337-8806 Datasheet
50Kb / 2P
No-Clean Cored Wire
logo
IXYS Corporation
CPC7581 IXYS-CPC7581 Datasheet
218Kb / 15P
Clean, Bounce-Free Switching
logo
TT Electronics.
DS1161 TTELEC-DS1161 Datasheet
310Kb / 1P
In-Line Pitot Tube
logo
3M Electronics
5850 3M-5850 Datasheet
140Kb / 6P
3M™ Clean-View Pad 5850
Sep-2014
logo
TE Connectivity Ltd
C-1534326 TEC-C-1534326 Datasheet
559Kb / 1P
MCON 1.2 CB (CLEAN BODY)
C-2208562 TEC-C-2208562 Datasheet
305Kb / 1P
MCON 050, Buchsenkontakt, clean body MCON 050, TERMINAL, CLEAN BODY
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
logo
UN Semiconducctor INC
UN3E5 UNSEMI-UN3E5 Datasheet
4Mb / 5P
Double line Gas Discharge Tube
Revision March 1,2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com