Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IDDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV9352IDDFR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9352IDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9352IDDFR Datasheet HTML 9Page - Texas Instruments TLV9352IDDFR Datasheet HTML 10Page - Texas Instruments TLV9352IDDFR Datasheet HTML 11Page - Texas Instruments TLV9352IDDFR Datasheet HTML 12Page - Texas Instruments TLV9352IDDFR Datasheet HTML 13Page - Texas Instruments TLV9352IDDFR Datasheet HTML 14Page - Texas Instruments TLV9352IDDFR Datasheet HTML 15Page - Texas Instruments TLV9352IDDFR Datasheet HTML 16Page - Texas Instruments TLV9352IDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
VCM
-20
-15
-10
-5
0
5
10
15
20
-800
-600
-400
-200
0
200
400
600
800
D006
TA = 125°C
Figure 6-7. Offset Voltage vs Common-Mode Voltage
VCM
-20
-15
-10
-5
0
5
10
15
20
-800
-600
-400
-200
0
200
400
600
800
D007
TA = –40°C
Figure 6-8. Offset Voltage vs Common-Mode Voltage
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
D008
Figure 6-9. Offset Voltage vs Power Supply
Frequency (Hz)
-20
-100
-10
-75
0
-50
10
-25
20
0
30
25
40
50
50
75
60
100
70
125
80
150
90
175
100
200
100
1k
10k
100k
1M
10M
C002
Gain (dB)
Phase ( )
CL = 20 pF
Figure 6-10. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-20
-10
0
10
20
30
40
50
60
70
80
100
1k
10k
100k
1M
10M
C001
G = 1
G = 1
G = 10
G = 100
G = 1000
Figure 6-11. Closed-Loop Gain vs Frequency
Common Mode Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16
20
-7.5
-6
-4.5
-3
-1.5
0
1.5
3
4.5
6
D010
IB
IB+
IOS
Figure 6-12. Input Bias Current vs Common-Mode Voltage
www.ti.com
TLV9351, TLV9352, TLV9354
SBOS994E – NOVEMBER 2019 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9351 TLV9352 TLV9354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com