Electronic Components Datasheet Search
  English  ▼

X  

TLV9152SIRUGR Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV9152SIRUGR
Description  TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9152SIRUGR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV9152SIRUGR Datasheet HTML 10Page - Texas Instruments TLV9152SIRUGR Datasheet HTML 11Page - Texas Instruments TLV9152SIRUGR Datasheet HTML 12Page - Texas Instruments TLV9152SIRUGR Datasheet HTML 13Page - Texas Instruments TLV9152SIRUGR Datasheet HTML 14Page - Texas Instruments TLV9152SIRUGR Datasheet HTML 15Page - Texas Instruments TLV9152SIRUGR Datasheet HTML 16Page - Texas Instruments TLV9152SIRUGR Datasheet HTML 17Page - Texas Instruments TLV9152SIRUGR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
Table 6-1. Table of Graphs
DESCRIPTION
FIGURE
Offset Voltage Production Distribution
Figure 6-1
Offset Voltage Drift Distribution
Figure 6-2
Offset Voltage vs Temperature
Figure 6-3, Figure 6-4
Offset Voltage vs Common-Mode Voltage
Figure 6-5, Figure 6-6, Figure 6-7, Figure 6-8
Offset Voltage vs Power Supply
Figure 6-9
Open-Loop Gain and Phase vs Frequency
Figure 6-10
Closed-Loop Gain and Phase vs Frequency
Figure 6-11
Input Bias Current vs Common-Mode Voltage
Figure 6-12
Input Bias Current vs Temperature
Figure 6-13
Output Voltage Swing vs Output Current
Figure 6-14, Figure 6-15
CMRR and PSRR vs Frequency
Figure 6-16
CMRR vs Temperature
Figure 6-17
PSRR vs Temperature
Figure 6-18
0.1-Hz to 10-Hz Noise
Figure 6-19
Input Voltage Noise Spectral Density vs Frequency
Figure 6-20
THD+N Ratio vs Frequency
Figure 6-21
THD+N vs Output Amplitude
Figure 6-22
Quiescent Current vs Supply Voltage
Figure 6-23
Quiescent Current vs Temperature
Figure 6-24
Open Loop Voltage Gain vs Temperature
Figure 6-25
Open Loop Output Impedance vs Frequency
Figure 6-26
Small Signal Overshoot vs Capacitive Load (100-mV Output Step)
Figure 6-27, Figure 6-28
Phase Margin vs Capacitive Load
Figure 6-29
No Phase Reversal
Figure 6-30
Positive Overload Recovery
Figure 6-31
Negative Overload Recovery
Figure 6-32
Small-Signal Step Response (100 mV)
Figure 6-33, Figure 6-34
Large-Signal Step Response
Figure 6-35, Figure 6-36, Figure 6-37
Short-Circuit Current vs Temperature
Figure 6-38
Maximum Output Voltage vs Frequency
Figure 6-39
Channel Separation vs Frequency
Figure 6-40
EMIRR vs Frequency
Figure 6-41
TLV9151, TLV9152, TLV9154
SBOS986E – OCTOBER 2019 – REVISED JANUARY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV9151 TLV9152 TLV9154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com