Electronic Components Datasheet Search
  English  ▼

X  

1756799 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1756799
Description  MSTBVA 2,5/ 6-G-5,08 RD - PCB header
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756799 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1756799 Datasheet HTML 1Page - PHOENIX CONTACT 1756799 Datasheet HTML 2Page - PHOENIX CONTACT 1756799 Datasheet HTML 3Page - PHOENIX CONTACT 1756799 Datasheet HTML 4Page - PHOENIX CONTACT 1756799 Datasheet HTML 5Page - PHOENIX CONTACT 1756799 Datasheet HTML 6Page - PHOENIX CONTACT 1756799 Datasheet HTML 7Page - PHOENIX CONTACT 1756799 Datasheet HTML 8Page - PHOENIX CONTACT 1756799 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Color (Housing)
red (3001)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Notes
Notes on operation
In accordance with IEC 61984, COMBICON connectors have no
switching power (COC). During designated use, they must not be
plugged in or disconnected when carrying voltage or under load.
Dimensions
Dimensional drawing
Pitch
5.08 mm
Width [w]
32.48 mm
Height [h]
15.9 mm
Length [l]
8.57 mm
Installed height
12 mm
Solder pin length [P]
3.9 mm
Pin dimensions
1 x 1 mm
PCB design
Hole diameter
1.4 mm
Mechanical tests
Visual inspection
Specification
IEC 60512-1-1:2002-02
Result
Test passed
Dimension check
Specification
IEC 60512-1-2:2002-02
Result
Test passed
Resistance of inscriptions
Specification
IEC 60068-2-70:1995-12
Result
Test passed
MSTBVA 2,5/ 6-G-5,08 RD - PCB header
1756799
https://www.phoenixcontact.com/us/products/1756799
Nov 13, 2025, 1:21AM
Page 3 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com