Electronic Components Datasheet Search
  English  ▼

X  

1816331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1816331
Description  MSTBW 2,5/ 4-G RD - PCB header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1816331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1816331 Datasheet HTML 1Page - PHOENIX CONTACT 1816331 Datasheet HTML 2Page - PHOENIX CONTACT 1816331 Datasheet HTML 3Page - PHOENIX CONTACT 1816331 Datasheet HTML 4Page - PHOENIX CONTACT 1816331 Datasheet HTML 5Page - PHOENIX CONTACT 1816331 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 2.5 mm2, color: red, nominal current: 12 A, contact surface:
Sn, contact connection type: Pin, number of potentials: 4, number of rows: 1, number of
positions: 4, number of connections: 4, product range: MSTBW 2,5/..-G, pitch: 5 mm, mounting:
Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern alignment: Standard,
locking: without, mounting method: without, type of packaging: packed in cardboard
Your advantages
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Well-known mounting principle allows worldwide use
•
Stand-offs enable the PCB to be cleaned or sealed
•
Commercial data
Item number
1816331
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA03
Product key
AACSGL
GTIN
4046356837545
Weight per piece (including packing)
1.833 g
Weight per piece (excluding packing)
1.54 g
Customs tariff number
85366930
Country of origin
IN
MSTBW 2,5/ 4-G RD - PCB header
1816331
https://www.phoenixcontact.com/us/products/1816331
Nov 11, 2025, 1:26AM
Page 1 (6)


Similar Part No. - 1816331

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1816370000 WEIDMULLER-1816370000 Datasheet
371Kb / 35P
OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
More results

Similar Description - 1816331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1723777 PHOENIX-1723777 Datasheet
96Kb / 2P
MSTBW 2,5/ 3-G BG
1735879 PHOENIX-1735879 Datasheet
317Kb / 14P
Feed-through header - MSTBW 2,5/ 3-G-5,08
1974559 PHOENIX-1974559 Datasheet
96Kb / 2P
MSTBW 2,5/ 3-G BK
1724213 PHOENIX-1724213 Datasheet
96Kb / 2P
MSTBW 2,5/ 7-G BG
5606782 PHOENIX-5606782 Datasheet
78Kb / 3P
Header - MSTBW 2,5/ 3-G CRWH 2CR 1,2
11/05/2018
1735756 PHOENIX-1735756 Datasheet
349Kb / 17P
Feed-through header - MSTBW 2,5/15-G-5,08
09/11/2020
1735772 PHOENIX-1735772 Datasheet
346Kb / 17P
Feed-through header - MSTBW 2,5/13-G-5,08
09/11/2020
1735808 PHOENIX-1735808 Datasheet
358Kb / 17P
Feed-through header - MSTBW 2,5/10-G-5,08
09/11/2020
1735837 PHOENIX-1735837 Datasheet
357Kb / 17P
Feed-through header - MSTBW 2,5/ 7-G-5,08
09/11/2020
1735853 PHOENIX-1735853 Datasheet
662Kb / 19P
PCB header - MSTBW 2,5/ 5-G-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com