Electronic Components Datasheet Search
  English  ▼

X  

ZTAC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZTAC
Description  2.00MHz to 8.00MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZTAC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZTAC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
ZTTC and ZTAC Series
2.00MHz to 8.00MHz
Frequency Range
2.00MHz to 8.00MHz
Frequency Tolerance
±0.5% at 25°C
Frequency Stability
±0.3% over -20°C to +80°C
Aging
±0.5%/10 years
Equivalent Series Resistance
80 Ohms Max.
C1
30pF
C2
30pF
General Specifications
ZTTC Series
Frequency Range
2.00MHz to 8.00MHz
Frequency Tolerance
±0.5% at 25°C
Frequency Stability
±0.3% over -20°C to +80°C
Aging
±0.5%/10 years
Equivalent Series Resistance
80 Ohms Max.
C1
30pF
C2
30pF
General Specifications
ZTAC Series
IC: 1/6 CD 4069UBE x 2
Vdd: +5V
Rf: 1M
Ω
CL1: 20pF
CL2: 20pF
Vdd: +5V
Rf: 1M
Ω
•
EIAJ Code
•
EIAJ Code
CAL I BER
Electr on ics In c.
Revision: 1997-A
Revision: 1997-A


Similar Part No. - ZTAC

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ZTAC ECM-ZTAC Datasheet
95Kb / 1P
Electronics Ceramic Resonator
logo
Vanlong Technology Co.,...
ZTAC VANLONG-ZTAC Datasheet
37Kb / 1P
MHz-Band Ceramic Resonator
logo
auris-GmbH
ZTACC AURIS-ZTACC Datasheet
125Kb / 1P
Resonator SMD, 2 Pin
logo
List of Unclassifed Man...
ZTACC ETC2-ZTACC Datasheet
148Kb / 1P
CERAMIC RESONATOR
logo
EUROQUARTZ limited
ZTACC EUROQUARTZ-ZTACC Datasheet
77Kb / 1P
CERAMIC RESONATORS
More results

Similar Description - ZTAC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZTTCVZTTCS ETC2-ZTTCVZTTCS Datasheet
21Kb / 1P
8.00MHz to 50.00MHz
logo
Shoulder Electronics Li...
ZTACC-MG SHOULDER-ZTACC-MG Datasheet
302Kb / 9P
This specification shall cover the characteristics of the ceramic resonator 1.84-8.00MHZ.
ZTTCC-MG SHOULDER-ZTTCC-MG Datasheet
308Kb / 9P
This specification shall cover the characteristics of the ceramic resonator 1.84-8.00MHZ
logo
Xian Semipower Electron...
SW10N50K SEMIPOWER-SW10N50K Datasheet
1Mb / 7P
N-channel Enhanced mode TO-220F/TO-220/TO-247/TO-251N/TO-252 MOSFET
SW6N65K SEMIPOWER-SW6N65K Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-262 /TO-220SF MOSFET
SW7N65D SEMIPOWER-SW7N65D Datasheet
724Kb / 7P
N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
logo
TAI-SAW TECHNOLOGY CO.,...
TW0462A TAI-SAW-TW0462A Datasheet
131Kb / 8P
SMD 3.2x2.5 8.00MHz Crystal Oscillator
REV. NO.: 1.0
TZ0777A TAI-SAW-TZ0777A Datasheet
362Kb / 7P
Crystal Unit SMD 5.0x3.2 8.00MHz
REV. NO.: 3
TZ1950A TAI-SAW-TZ1950A Datasheet
354Kb / 7P
Crystal Unit SMD 5.0x3.2 8.00MHz
REV. NO.: 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com