Electronic Components Datasheet Search
  English  ▼

X  

ZTA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZTA
Description  2.000MHz to 25.000MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZTA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZTA Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZTA and ZTT Series
2.000MHz to 25.000MHz
10.0
MAX*
Frequency Range
2.000MHz to 25.000MHz
Frequency Tolerance
±0.5% at 25°C
Frequency Stability
±0.3% over -20°C to +80°C
Aging
±0.5%/10 years
Equivalent Series Resistance
80 Ohms Max.
C1
33pF
C2
33pF
General Specifications
10.0 MAX
5.0 ±0.3
5.0
±1.0
5.0
MAX
Test Circuit
ZTA Series Ceramic Resonator
0.6 ±0.1
0.2 ±0.1
10.0
MAX*
Frequency Range
2.000MHz to 25.000MHz
Frequency Tolerance
±0.5% at 25°C
Frequency Stability
±0.3% over -20°C to +80°C
Aging
±0.5%/10 years
Equivalent Series Resistance
40 Ohms Max.
C1
33pF
C2
33pF
General Specifications
10.0 MAX
5.0 ±0.3
5.0
±1.0
5.0
MAX
Test Circuit
ZTT Series Ceramic Resonator
All Dimensions in Millimeters
0.6 ±0.1
0.2 ±0.1
C1
C2
Saunders and Associates
150D CI Meter
C1
C2
Saunders and Associates
150D CI Meter
Marking Guide
Line 1: Freqeuncy in MHz
Marking Guide
Line 1: Frequency in MHz
8.00MG
3.580MG
* 2.00-4.91MHz = 8.0mm max.
* 2.00-4.91MHz = 7.5mm max.
All Dimensions in mm.
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
CAL I BER
Electr on ics In c.
Revision: 1996-B
Revision: 1996-B


Similar Part No. - ZTA

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTA AURIS-ZTA Datasheet
147Kb / 1P
Resonator THT, 2 Pin
logo
ECM Electronics Limited...
ZTA ECM-ZTA Datasheet
99Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTA ETC2-ZTA Datasheet
162Kb / 1P
CERAMIC RESONATOR
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTA AEL-ZTA Datasheet
155Kb / 1P
Ceramic Resonators
More results

Similar Description - ZTA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FRETHE025 PERICOM-FRETHE025 Datasheet
877Kb / 2P
3.3V CMOS 25.000MHz Ethernet VCXO
logo
Xian Semipower Electron...
SW7N65D SEMIPOWER-SW7N65D Datasheet
724Kb / 7P
N-channel Enhanced mode TO-220/TO-251/TO-251N/TO-252/TO-220F MOSFET
SW7N65K SEMIPOWER-SW7N65K Datasheet
991Kb / 7P
N-channel Enhanced mode TO-220F/TO-220SF/TO-251/ TO-252/TO-220 MOSFET
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0728A TAI-SAW-TZ0728A Datasheet
188Kb / 3P
HC49US 25.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0749A TAI-SAW-TZ0749A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 25.000MHz
REV. NO.: 3
TZ0818A TAI-SAW-TZ0818A Datasheet
188Kb / 3P
HC49US 25.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0851A TAI-SAW-TZ0851A Datasheet
246Kb / 3P
HC49-SMD 25.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0864A TAI-SAW-TZ0864A Datasheet
189Kb / 5P
SMD 5.0x3.2 25.000MHz Crystal Unit
REV. NO.: 1
TZ0913A TAI-SAW-TZ0913A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 25.000MHz
REV. NO.: 3
TZ1018A TAI-SAW-TZ1018A Datasheet
189Kb / 5P
SMD 5.0x3.2 25.000MHz Crystal Unit
REV. NO.: 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com