Electronic Components Datasheet Search
  English  ▼

X  

RH101 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # RH101
Description  SURFACE MOUNT GLASS PASSIVATED BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

RH101 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  RH101 Datasheet HTML 1Page - HY ELECTRONIC CORP. RH101 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●Rating to 1000V PRV
●Ideal for printed circuit board
●Reliable low cost construction utilizing
molded plastic technique results in inexpensive product
●Lead tin plated copper
MECHANICAL DATA
●Polarity:Symbol molded on body
●Weight: 0.0044 ounces,0.125 grams
●Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
RH101
RH102
RH103
RH104
RH105
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
V
Maximum Average Forward
Rectified Current (Note 1)
@TA=40℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 0.8A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Maximum Reverse Recovery Time
TRR
250
500
nS
Tyical Junction Capacitance Per Element
(Note2)
CJ
pF
Tyical Thermal Resistance (Note3)
RθJC
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
RH101 thru RH105
~ 215 ~
-55 to +150
IFSM
40
A
3.7
150
13
3.Thermal resistance junction to ambient.
-55 to +150
NOTES:1.Mounted on P.C. board.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
75
I(AV)
0.8
IR
5.0
1.15
500
A
uA
SURFACE MOUNT GLASS PASSIVATED
BARRIER RECTIFIERS
Dimensions in inches and (millimeters)
REVERSE VOLTAGE - 100 to 1000 Volts
FORWARD CURRENT - 0.8 Amperes
MBS
.019(0.5)
.031(0.8)
.106(2.7)
.09(2.3)
.275(7.0)MAX
.150(3.8)
.165(4.2)
.057(1.3)
.067(1.7)
.035(0.9)
.051(1.3)
.014(.35)
.006(.15)
.027(0.7)
.043(1.1)
.057(1.3)
.067(1.7)
.177(4.5)
.193(4.9)
.106(2.7)
.09(2.3)
.008(0.2)
+-
~~


Similar Part No. - RH101

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
Hygro-Thermometer InfraRed Thermometer
logo
SeCoS Halbleitertechnol...
RH101 SECOS-RH101 Datasheet
166Kb / 2P
Voltage 100V ~ 800V 0.8 Amp Silicon Bridge Rectifiers
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH1011 LINER-RH1011 Datasheet
70Kb / 2P
Voltage Comparator
RH1011 LINER-RH1011 Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
More results

Similar Description - RH101

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
SM1A DACO-SM1A Datasheet
153Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S1AL HY-S1AL_V01 Datasheet
803Kb / 3P
Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com