Electronic Components Datasheet Search
  English  ▼

X  

UG2D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG2D
Description  Miniature Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG2D Datasheet(HTML) 1 Page - Vishay Siliconix

  UG2D Datasheet HTML 1Page - Vishay Siliconix UG2D Datasheet HTML 2Page - Vishay Siliconix UG2D Datasheet HTML 3Page - Vishay Siliconix UG2D Datasheet HTML 4Page - Vishay Siliconix UG2D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UG2A, UG2B, UG2C, UG2D
www.vishay.com
Vishay General Semiconductor
Revision: 29-Apr-2020
1
Document Number: 88761
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Ultrafast Plastic Rectifier
FEATURES
• Glass passivated chip junction
• Ultrafast reverse recovery time
• Soft recovery characteristics
• Low forward voltage drop
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer and telecommunication.
MECHANICAL DATA
Case:
DO-15 (DO-204AC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity:
color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
50 V, 100 V, 150 V, 200 V
IFSM
80 A
trr
15 ns
VF
0.95 V
TJ max.
150 °C
Package
DO-15 (DO-204AC)
Circuit configuration
Single
DO-15 (DO-204AC)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG2A
UG2B
UG2C
UG2D
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current at 0.375" (9.5 mm)
lead length at TL = 75 °C (fig. 1)
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
80
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - UG2D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG2D GE-UG2D Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG2D VISHAY-UG2D Datasheet
96Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG2D SEMTECH_ELEC-UG2D Datasheet
260Kb / 2P
SUPER FAST RECTIFIERS
logo
Gulf Semiconductor
UG2D GULFSEMI-UG2D Datasheet
86Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?2.0A
logo
Taiwan Semiconductor Co...
UG2D TSC-UG2D Datasheet
548Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - UG2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG4A VISHAY-UG4A Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
UG06A VISHAY-UG06A Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
UG1A VISHAY-UG1A_09 Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Nov-09
UG4A VISHAY-UG4A_09 Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
UG2D-E3-54 VISHAY-UG2D-E3-54 Datasheet
71Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
UG06D-E3-54 VISHAY-UG06D-E3-54 Datasheet
72Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
UG1D-E3-73 VISHAY-UG1D-E3-73 Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Nov-09
UG1A VISHAY-UG1A_V01 Datasheet
70Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Nov-09
UG4A VISHAY-UG4A_V01 Datasheet
81Kb / 4P
Miniature Ultrafast Plastic Rectifier
06-Aug-2018
UG06A VISHAY-UG06A_V01 Datasheet
74Kb / 4P
Miniature Ultrafast Plastic Rectifier
19-Feb-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com