Electronic Components Datasheet Search
  English  ▼

X  

CXA1191G-S28-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CXA1191G-S28-R
Description  FM/AM Radio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CXA1191G-S28-R Datasheet(HTML) 1 Page - Unisonic Technologies

  CXA1191G-S28-R Datasheet HTML 1Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 2Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 3Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 4Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 5Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 6Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 7Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
CXA1191
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW- R110-014.C
FM/AM Radio
DESCRIPTION
The UTC CXA1191 is a one-chip FM/AM radio IC designed for
radio-cassette tape recorders and headphone tape recorders.
FEATURES
*Small number of peripheral components
*Low current consumption (Vcc=3V)
–FM: lD=5.3mA (Typ.)
–AM: lD=3.4mA (Typ.)
*Built-in FM/AM select switch
*Large current of AF amplifier
FUNCTIONS
FM section
RF amplifier, Mixer and OSC
(incorporating AFC variable capacitor)
IF amplifier
Quadrature detection
Tuning LED driver
AM section
RF amplifier, Mixer and OSC (with RF AGC)
IF amplifier (with IF AGC)
Detector
Tuning LED driver
AF section
Electronic volume control
FM muting
Structure
Bipolar silicon monolithic IC
ORDERING INFORMATION
Ordering Number
Package
Packing
CXA1191G-D28-T
DIP-28
Tube
CXA1191G-S28-R
SOP-28
Tape Reel
CXA1191G-S28-T
SOP-28
Tube


Similar Part No. - CXA1191G-S28-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CXA1191G-S28-R UTC-CXA1191G-S28-R Datasheet
186Kb / 7P
FM/AM Radio
CXA1191G-S28-R UTC-CXA1191G-S28-R Datasheet
203Kb / 8P
FM/AM Radio
More results

Similar Description - CXA1191G-S28-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2237 NJRC-NJM2237 Datasheet
478Kb / 14P
AM/FM RADIO
NJM2241 NJRC-NJM2241 Datasheet
473Kb / 14P
AM/FM RADIO
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
FM/AM RADIO
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
FM/AM Radio
CXA1619M SONY-CXA1619M Datasheet
298Kb / 12P
FM/AM Radio
CXA1691AM SONY-CXA1691AM Datasheet
191Kb / 11P
FM/AM Radio
CXA1691BM SONY-CXA1691BM Datasheet
191Kb / 11P
FM/AM Radio
CXA1691M SONY-CXA1691M Datasheet
290Kb / 13P
FM/AM RADIO
CXA1019M SONY-CXA1019M Datasheet
322Kb / 13P
FM/AM Radio
logo
Unisonic Technologies
CXA1191 UTC-CXA1191_15 Datasheet
203Kb / 8P
FM/AM Radio
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com