Electronic Components Datasheet Search
  English  ▼

X  

P700 Datasheet(PDF) 2 Page - BROTHER INTERNATIONAL. LTD. All Rights Reserved

Part # P700
Description  Clearly identify items with a durable P-touch label
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BROTHER [BROTHER INTERNATIONAL. LTD. All Rights Reserved]
Direct Link  https://www.brother.com.au/
Logo BROTHER - BROTHER INTERNATIONAL. LTD. All Rights Reserved

P700 Datasheet(HTML) 2 Page - BROTHER INTERNATIONAL. LTD. All Rights Reserved

  P700 Datasheet HTML 1Page - BROTHER INTERNATIONAL. LTD. All Rights Reserved P700 Datasheet HTML 2Page - BROTHER INTERNATIONAL. LTD. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P700
Design then print durable labels on your Mac or Windows PC
The P-touch P700 takes the hassle out of organising your office by clearly identifying the contents of file folders, archived
documents , data backup discs/USB sticks and shelves. The inbuilt software allows you to use your PC’s fonts and include
images, logo’s and frames on your labels. P-touch labels are available in many different sizes and colours to ensure that
whatever label you need, the P-touch P700 can effortlessly produce them whenever or wherever they are required.
PT-P700 features
P-touch laminated labels – designed to last
Brother P-touch laminated TZe tapes consist of six layers of materials, resulting in a thin yet extremely strong label. The thermal
transfer ink is sandwiched between two protective layers of PET(polyester film), which protects the text against the effects of
liquids, abrasion, temperature, chemicals and sunlight. As the labels have been tested to the extreme, you can be confident of
a professional quality label that has been designed to last.
“The inbuilt label design software and fast
print speed makes it so easy to create
labels whenever I require them – simply
plug-in and go”
Choose from any
of your installed
true type fonts
Include frames
around your text
Print labels 3.5 to
24 mm in width
30mm/sec print
speed
Easy to connect,
use and share in
the office
Built-in automatic
cutter
Add a logo or
image to your
labels
Add a range of
installed symbols
to your labels



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com