Electronic Components Datasheet Search
  English  ▼

X  

PSG08483 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08483
Description  Digital Thermo Hygrometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08483 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08483 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/08/19
Digital Thermo Hygrometer
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
• Digital thermometer for use indoors or outdoors
• Hygrometer and Clock
• 1.5m Lead with probe
• Large LCD display
• Selectable Centigrade or Fahrenheit temperature display
• Humidity: 10% - 99%
• Resolution: 0.1°C/°F/ 1% (hygrometer)
• Maximum and minimum temperature memory
• Can sit on a table or be mounted on a wall
• 12 / 24 Hour clock
• Indoor range: 0°C to +50°C (+32°F to +122°F)
• Outdoor range: -40°C to +70°C (-40°F to +158°F)
• Dimensions (W×H×D): 88mm × 150mm × 25mm
• Weight: 205g
• Requires 1x AAA battery (not supplied)
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro - SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Digital Thermo Hygrometer, 0°C to +50°C
PSG08483


Similar Part No. - PSG08483

ManufacturerPart #DatasheetDescription
logo
Pro-Power
PSG08483 PROPOWER-PSG08483 Datasheet
134Kb / 1P
Silicon Glass Sleeving
07/06/12 V1.1
More results

Similar Description - PSG08483

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI1064 ETC2-MI1064 Datasheet
46Kb / 2P
Thermo-electric Coolers
logo
Extech Instruments Corp...
451104 EXTECH-451104 Datasheet
130Kb / 7P
Digital Vane Thermo-Anemometer
logo
fujitsu semiconductor
FTP-040P001 FUJITSU-FTP-040P001 Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
logo
List of Unclassifed Man...
TH-2A ETC2-TH-2A Datasheet
529Kb / 1P
Digital Thermo Hygrometer
logo
Extech Instruments Corp...
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
Mini Thermo-Anemometer Series
logo
List of Unclassifed Man...
625 ETC2-625 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
logo
Testo SE & Co. KGaA
TESTO608 TESTO-TESTO608 Datasheet
192Kb / 2P
Thermal hygrometer
logo
General Electric Compan...
PM880 GEC-PM880 Datasheet
248Kb / 4P
PM880 Panametrics Portable Hygrometer
2013
logo
Baker Hughes Company
PM880 BAKER-PM880 Datasheet
1Mb / 3P
Panametrics portable hygrometer
12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com