Electronic Components Datasheet Search
  English  ▼

X  

TIL311 Datasheet(PDF) 2 Page - Texas Instruments

Part # TIL311
Description  HEXADECIMAL DISPLAY WITH LOGIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL311 Datasheet(HTML) 2 Page - Texas Instruments

  TIL311 Datasheet HTML 1Page - Texas Instruments TIL311 Datasheet HTML 2Page - Texas Instruments TIL311 Datasheet HTML 3Page - Texas Instruments TIL311 Datasheet HTML 4Page - Texas Instruments TIL311 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TIL311
HEXADECIMAL DISPLAY WITH LOGIC
SODS001D – MARCH 1972 – REVISED DECEMBER 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description
This hexadecimal display contains a four-bit latch, decoder, driver, and 4
× 7 light-emitting-diode (LED)
character with two externally driven decimal points in a 14-pin package. A description of the input functions of
this device follows.
FUNCTION
PIN NO.
DESCRIPTION
LATCH STROBE INPUT
5
When low, the data in the latches follow the data on the latch data inputs. When high,
the data in the latches will not change. If the display is blanked and then restored
while the enable input is high, the previous character will again be displayed.
BLANKING INPUT
8
When high, the display is blanked regardless of the levels of the other inputs. When
low, a character is displayed as determined by the data in the latches. The blanking
input may be pulsed for intensity modulation.
LATCH DATA INPUTS (A, B, C, D)
3, 2, 13, 12
Data on these inputs are entered into the latches when the enable input is low. The
binary weights of these inputs are A = 1, B = 2, C = 4, D = 8.
DECIMAL POINT CATHODES
4, 10
These LEDs are not connected to the logic chip. If a decimal point is used, an
external resistor or other current-limiting mechanism must be connected in series
with it.
LED SUPPLY
1
This connection permits the user to save on regulated VCC current by using a
separate LED supply, or it may be externally connected to the logic supply (VCC).
LOGIC SUPPLY VOLTAGE (VCC)
14
Separate VCC connection for the logic chip
COMMON GROUND
7
This is the negative terminal for all logic and LED currents except for the decimal
points.
The LED driver outputs are designed to maintain a relatively constant on-level current of approximately 5 mA
through each LED that forms the hexadecimal character. This current is virtually independent of the LED supply
voltage within the recommended operating conditions. Drive current varies slightly with changes in logic supply
voltage resulting in a change in luminous intensity as shown in Figure 2. This change will not be noticeable to
the eye. The decimal point anodes are connected to the LED supply; the cathodes are connected to external
pins. Since there is no current limiting built into the decimal point circuits, limiting must be provided externally
if the decimal points are used.
The resultant displays for the values of the binary data in the latches are as shown below.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com