Electronic Components Datasheet Search
  English  ▼

X  

RA8835A Datasheet(PDF) 21 Page - RAIO Technology Inc.

Part # RA8835A
Description  DOT MATRIX LCD CONTROLLER SPECIFICATION
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8835A Datasheet(HTML) 21 Page - RAIO Technology Inc.

Back Button RA8835A Datasheet HTML 17Page - RAIO Technology Inc. RA8835A Datasheet HTML 18Page - RAIO Technology Inc. RA8835A Datasheet HTML 19Page - RAIO Technology Inc. RA8835A Datasheet HTML 20Page - RAIO Technology Inc. RA8835A Datasheet HTML 21Page - RAIO Technology Inc. RA8835A Datasheet HTML 22Page - RAIO Technology Inc. RA8835A Datasheet HTML 23Page - RAIO Technology Inc. RA8835A Datasheet HTML 24Page - RAIO Technology Inc. RA8835A Datasheet HTML 25Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Version 1.0
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
21/88
RA8835A
6-3 Display Control Commands
6-3-1 DISP ON/OFF
Turn the whole display on or off. The single-byte parameter enables and disables the cursor and
layered screens, and sets the cursor and screen flash rates. The cursor can be set to flash over
one character or over a whole line.
P1
MSB
LSB
FP5
FP4
FP3
FP2
FP1
FP0
FC0
FC1
0
10
1
1
0
D
0
C
Figure 6-10: DISP ON/OFF Parameters
6-3-1-1 D
Turn the display ON or OFF. The D bit takes precedence over the FP bits in the parameter.
D = 0: Display OFF
D = 1: Display ON
6-3-1-2 FC
Enables/disables the cursor and sets the flash rate. The cursor flashes with a 70% duty cycle
(ON/OFF).
Table-9: Cursor Flash Rate Selection
FC1
FC0
Cursor display
0
0
OFF (blank)
0
1
No flashing
1
0
Flash at fFR/32 Hz
(approx. 2 Hz)
1
1
ON
Flash at fFR/64 Hz
(approx. 1 Hz)
Note:
As the MWRITE command always enables the cursor, the cursor position can be checked
even when performing consecutive writes to display memory while the cursor is flashing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com