Electronic Components Datasheet Search
  English  ▼

X  

BD240C. Datasheet(PDF) 1 Page - Multicomp Pro

Part # BD240C.
Description  General Purpose Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BD240C. Datasheet(HTML) 1 Page - Multicomp Pro

  BD240C. Datasheet HTML 1Page - Multicomp Pro BD240C. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.1
11/09/19
General Purpose
Power Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description:
Plastic, PNP, TO-220 power transistor General purpose amplifier and switching applications
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
V
CEO
100
V
Collector-Base Voltage
V
CBO
115
Emitter-Base Voltage
V
EBO
5
Continuous Collector Current
I
C
2
A
Base Current = I
B
Total Device Dissipation at T
c = +25°C
Derate above +25°C = 0.24mW/°C
P
D
36
W
Operating and Storage
Junction Temperature Range
T
j, Tstg
-65 to +150
°C
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
OFF Characteristics
Collector - Emitter Breakdown Voltage
V
(BR)CEO
I
C=30mA, IB=0 Note 1
100
-
V
Collector - Base Breakdown Voltage
V
(BR)CBO
I
C=1mA, IE=0
115
-
V
Emitter - Base Breakdown Voltage
V
(BR)EBO
I
C=1mA, IE=0
5
-
V
Collector Cut-Off Current
I
CBO
V
CB=60V, IB=0
-
0.2
mA
I
CES
V
CE=100V, VBE=0
-
0.3
Emitter Cut-Off Current
I
EBO
V
EB=5V, IC=0
-
1


Similar Part No. - BD240C.

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD240C POINN-BD240C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Transys Electronics
BD240C TRSYS-BD240C Datasheet
474Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD240C FAIRCHILD-BD240C Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BD240C BOURNS-BD240C Datasheet
107Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD240C SAVANTIC-BD240C Datasheet
90Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - BD240C.

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5190 CENTRAL-2N5190 Datasheet
61Kb / 1P
NPN SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
Unisonic Technologies
2SB649 UTC-2SB649 Datasheet
77Kb / 4P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669 Datasheet
77Kb / 5P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669_10 Datasheet
126Kb / 4P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_09 Datasheet
194Kb / 4P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649 UTC-2SB649_11 Datasheet
232Kb / 4P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669 UTC-2SD669_12 Datasheet
138Kb / 4P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SB649A UTC-2SB649A_15 Datasheet
300Kb / 5P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
2SD669A UTC-2SD669A_15 Datasheet
241Kb / 6P
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
logo
AiT Semiconductor Inc.
2SD1766Q AITSEMI-2SD1766Q Datasheet
369Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN MEDIUM POWER TRANSISTOR
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com