Electronic Components Datasheet Search
  English  ▼

X  

MP015017 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP015017
Description  Elastomeric O Rings NBR 70
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP015017 Datasheet(HTML) 1 Page - Multicomp Pro

  MP015017 Datasheet HTML 1Page - Multicomp Pro MP015017 Datasheet HTML 2Page - Multicomp Pro MP015017 Datasheet HTML 3Page - Multicomp Pro MP015017 Datasheet HTML 4Page - Multicomp Pro MP015017 Datasheet HTML 5Page - Multicomp Pro MP015017 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page <1>
V1.0
17/10/24
Elastomeric O Rings
NBR 70
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Description
These is the Aerospace Size Standard for O-rings from the Society of Automotive Engineers. Simrit manufactures and supplies
the complete range of standard These sizes in a wide range of elastomeric O-ring materials. The following sizes are grouped
by cross-section and listed numerically by inside diameter.
AS568
Nominal (refer.)
Measurements in inches
Measurements in millimeters
AS568
SIZE
ID
CS
ID
±
CS
±
ID
±
CS
±
SIZE
-006
1/8
1/16
0.114
0.005
0.070
0.003
2.90
0.13
1.78
0.08
-006
-007
5/32
1/16
0.145
0.005
0.070
0.003
3.68
0.13
1.78
0.08
-007
-008
3/16
1/16
0.176
0.005
0.070
0.003
4.47
0.13
1.78
0.08
-008
-009
7/32
1/16
0.208
0.005
0.070
0.003
5.28
0.13
1.78
0.08
-009
-010
1/4
1/16
0.239
0.005
0.070
0.003
6.07
0.13
1.78
0.08
-010
-011
5/16
1/16
0.301
0.005
0.070
0.003
7.65
0.13
1.78
0.08
-011
-012
3/8
1/16
0.364
0.005
0.070
0.003
9.25
0.13
1.78
0.08
-012
-013
7/16
1/16
0.426
0.005
0.070
0.003
10.82
0.13
1.78
0.08
-013
-014
1/2
1/16
0.489
0.005
0.070
0.003
12.42
0.13
1.78
0.08
-014
-015
9/16
1/16
0.551
0.007
0.070
0.003
14
0.18
1.78
0.08
-015
-016
5/8
1/16
0.614
0.009
0.070
0.003
15.6
0.23
1.78
0.08
-016
-017
11/16
1/16
0.676
0.009
0.070
0.003
17.17
0.23
1.78
0.08
-017
-018
3/4
1/16
0.739
0.009
0.070
0.003
18.77
0.23
1.78
0.08
-018
-019
13/16
1/16
0.801
0.009
0.070
0.003
20.35
0.23
1.78
0.08
-019
-020
7/8
1/16
0.864
0.009
0.070
0.003
21.95
0.23
1.78
0.08
-020
-021
15/16
1/16
0.926
0.009
0.070
0.003
23.52
0.23
1.78
0.08
-021
-022
1
1/16
0.989
0.01
0.070
0.003
25.12
0.25
1.78
0.08
-022
-023
11/16
1/16
1.051
0.01
0.070
0.003
26.7
0.25
1.78
0.08
-023
-024
11/8
1/16
1.114
0.01
0.070
0.003
28.3
0.25
1.78
0.08
-024
-025
13/16
1/16
1.176
0.011
0.070
0.003
29.87
0.28
1.78
0.08
-025
-026
11/4
1/16
1.239
0.011
0.070
0.003
31.47
0.28
1.78
0.08
-026
-027
15/16
1/16
1.301
0.011
0.070
0.003
33.05
0.28
1.78
0.08
-027
-028
13/8
1/16
1.364
0.013
0.070
0.003
34.65
0.33
1.78
0.08
-028
-029
11/2
1/16
1.489
0.013
0.070
0.003
37.82
0.33
1.78
0.08
-029
Diagram


Similar Part No. - MP015017

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP01500B-2 FAIRVIEW-MP01500B-2 Datasheet
587Kb / 3P
2 Way Power Divider BNC Connectors From 1 MHz to 500 MHz Rated at 1 Watts
REV 2.0A
logo
Golledge Electronics Lt...
MP01503 GOLLEDGE-MP01503 Datasheet
129Kb / 6P
SAW Filter 2160.0MHz
More results

Similar Description - MP015017

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CMVDR1 PANDUIT-CMVDR1 Datasheet
104Kb / 1P
Vertical D-Rings
logo
Molex Electronics Ltd.
130112-0180 MOLEX11-130112-0180 Datasheet
31Kb / 1P
O-Ring Kit (3 O-RINGS-4X NEMA) for 61430
logo
Glenair, Inc.
237-033 GLENAIR-237-033 Datasheet
284Kb / 2P
Jam Nut Mount Hermetic with Double O-Rings
logo
Aeroflex Circuit Techno...
1001398-008 AEROFLEX-1001398-008 Datasheet
196Kb / 2P
Compact Slip Rings
1001847-001 AEROFLEX-1001847-001 Datasheet
269Kb / 2P
Compact Slip Rings
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
SLIP RINGS
PLR40-1000 COPAL-PLR40-1000 Datasheet
104Kb / 2P
SLIP RINGS
logo
Lapp.
52001860 LAPP-52001860 Datasheet
92Kb / 1P
SKINDICHT® MINI NBR
06.06.2023
53001010 LAPP-53001010 Datasheet
136Kb / 1P
SKINDICHT® O-RING NBR PG
02.07.2019
53102001 LAPP-53102001 Datasheet
108Kb / 1P
SKINDICHT® O-Ring NBR metric
03.07.2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com