Electronic Components Datasheet Search
  English  ▼

X  

74201 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 74201
Description  Clamping Levers - Stainless Steel DIN 99
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

74201 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  74201 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIN 99
Clamping Levers - Stainless Steel
Clamping Levers
Order No.
Finish
a
b
≈
d
1
d
2
tol. H7
d
2
d
3
h
≈
l
1
l
2
≈
Weight
g
74201.W0206
Smooth Bore
5.0
12.0
10
8
-
16
30.5
63
60
37
74201.W0208
Smooth Bore
6.0
14.5
13
10
-
20
38.0
80
76
73
74201.W0210
Smooth Bore
7.5
18.5
16
12
-
25
47.0
100
95
140
74201.W0405
Threaded Bore
4.0
9.5
8
-
M_6
12
24.0
50
48
17
74201.W0406
Threaded Bore
5.0
12.5
10
-
M_8
16
30.5
63
60
38
74201.W0408
Threaded Bore
6.0
15.0
13
-
M10
20
38.0
80
76
74
74201.W0410
Threaded Bore
7.5
19.0
16
-
M12
25
47.0
100
95
142
74201.W0412
Threaded Bore
10.0
25.0
20
-
M16
32
59.5
125
119
297
74201
0333 207 4497
sales@wixroyd.com
1
Material
Stainless steel 1.4305 (AISI 303), dull
blasted.


Similar Part No. - 74201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7420 FAIRCHILD-7420 Datasheet
33Kb / 3P
Dual 4-Input NAND Gate
logo
Heyco.
7420 HEYCO-7420 Datasheet
130Kb / 1P
Strain Relief Mounting Hole Punches
logo
Wixroyd Group Ltd
74200 WIXROYD-74200 Datasheet
224Kb / 1P
Clamping Levers DIN 99
logo
Myrra
74200 MYRRA-74200 Datasheet
130Kb / 1P
FLYBACK TRANSFORMER - E16 - 5 12V - 5W
July, 25th 2019
logo
Wixroyd Group Ltd
74200.W0105 WIXROYD-74200.W0105 Datasheet
224Kb / 1P
Clamping Levers DIN 99
More results

Similar Description - 74201

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
logo
List of Unclassifed Man...
AISI316 ETC2-AISI316 Datasheet
32Kb / 1P
Stainless Steel DIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com