Electronic Components Datasheet Search
  English  ▼

X  

IM47TS Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # IM47TS
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM47TS Datasheet(HTML) 1 Page - TE Connectivity Ltd

  IM47TS Datasheet HTML 1Page - TE Connectivity Ltd IM47TS Datasheet HTML 2Page - TE Connectivity Ltd IM47TS Datasheet HTML 3Page - TE Connectivity Ltd IM47TS Datasheet HTML 4Page - TE Connectivity Ltd IM47TS Datasheet HTML 5Page - TE Connectivity Ltd IM47TS Datasheet HTML 6Page - TE Connectivity Ltd IM47TS Datasheet HTML 7Page - TE Connectivity Ltd IM47TS Datasheet HTML 8Page - TE Connectivity Ltd IM47TS Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AXICOM IM RELAY
SIGNAL RELAYS
INTRODUCTION
TE Connectivity (TE)’s Axicom IM signal relays, as part of our
smallest types of electromechanical relays, offer a wide and deep
range of variations suitable for many applications.
The IM series are equipped with 2 changeover contacts in
both monostable or bistable versions, available in multiple coil
solutions, performance types and pin layouts.
FEATURES
•
Slim line 10x6mm, low profile 5.65mm and min. board-space
60mm².
•
Switching current 2/5A, switching power 60W/62.5VA and
switching voltage 220VDC/250VAC.
•
Low coil power consumption, 140mW standard, 100mW for
high sensitive version, 50mW for ultra high sensitive version
and 100mW for bistable version.
•
High dielectric and surge capability up to 2500V
rms between
open contacts and 2500V
rms between coil and contacts.
•
High mechanical shock resistance up to 50g functional.
APPLICATIONS
•
Telecommunication
•
Access and transmission equipment
•
Optical network terminals
•
Modems
•
Office and business equipment
•
Consumer electronics
•
Measurement and test equipment
•
Industrial control
•
Medical equipment
•
HVAC
APPROVALS
•
UL 61810-1 (former UL 508) File No. E214025
Buyer entirely assumes the risk and all liability relating to (a) assessing the suitability for Buyer’s intended use of the Products and of any system design or drawing and
(b) determining the compliance of Buyer’s use of the Products with applicable laws, regulations, codes and standards. For more info on the exclusive and applicable warranty,
please refer to TE standard warranty terms.
Technical data of approved types on request
U 3)


Similar Part No. - IM47TS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IM47TS MACOM-IM47TS Datasheet
795Kb / 11P
The Best Relaytion
IM47TS MACOM-IM47TS Datasheet
2Mb / 28P
IM Series Signal Relays
More results

Similar Description - IM47TS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
IM Relay SMT Gull Wings Dimension
IM48GR MACOM-IM48GR Datasheet
236Kb / 6P
IM-Relay
5-1462037-7 MACOM-5-1462037-7 Datasheet
2Mb / 6P
IM Relay
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
Standard-Reedsensor im
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
Netzspannungs-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
Leistungs-Reedsensor im
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
IM-Relay Marking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com