Electronic Components Datasheet Search
  English  ▼

X  

RT9187 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9187
Description  1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9187 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9187 Datasheet HTML 1Page - Richtek Technology Corporation RT9187 Datasheet HTML 2Page - Richtek Technology Corporation RT9187 Datasheet HTML 3Page - Richtek Technology Corporation RT9187 Datasheet HTML 4Page - Richtek Technology Corporation RT9187 Datasheet HTML 5Page - Richtek Technology Corporation RT9187 Datasheet HTML 6Page - Richtek Technology Corporation RT9187 Datasheet HTML 7Page - Richtek Technology Corporation RT9187 Datasheet HTML 8Page - Richtek Technology Corporation RT9187 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9187
2
DS9187-11 June 2011
www.richtek.com
Typical Application Circuit
Function Pin Description
Figure 2. Adjustable Operation
Figure 1. Fixed Operation
Note : The value of R2 should be less than 80k to
maintain regulation.
Pin No.
Fixed Output
Voltage
Adjustable
Output Voltage
Pin
Name
Pin Function
1
1
VIN
Supply Input.
2
2
VIN
Supply Input.
3
3
VOUT
Regulator Output.
4
4
VOUT
Regulator Output.
5
--
BP
Noise Reduction. Connecting a 10nF capacitor to GND to
reduce output noise.
--
5
ADJ
If external feedback resistors are applied, the output voltage will
be:
VOUT = 0.8 × (1+
) V
6,
9 (Exposed Pad)
6,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
7
7
NC
No Internal Connection.
8
8
EN
Enable Input Logic, Active High. When the EN goes to a logic
low, the device is in shutdown mode.
2
1
R
R
2
1
R
R
1
+
V
OUT = 0.8 x (
) Volts
VIN
GND
VOUT
RT9187
COUT
2.2µF
2.2µF
BP
10nF
EN
CIN
CBP
VIN
VOUT
Chip Enable
VIN
GND
VOUT
RT9187
COUT
2.2µF
2.2µF
ADJ
EN
CIN
VIN
VOUT
R1
R2
Chip Enable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com