Electronic Components Datasheet Search
  English  ▼

X  

IM40IGR Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # IM40IGR
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM40IGR Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button IM40IGR Datasheet HTML 3Page - TE Connectivity Ltd IM40IGR Datasheet HTML 4Page - TE Connectivity Ltd IM40IGR Datasheet HTML 5Page - TE Connectivity Ltd IM40IGR Datasheet HTML 6Page - TE Connectivity Ltd IM40IGR Datasheet HTML 7Page - TE Connectivity Ltd IM40IGR Datasheet HTML 8Page - TE Connectivity Ltd IM40IGR Datasheet HTML 9Page - TE Connectivity Ltd IM40IGR Datasheet HTML 10Page - TE Connectivity Ltd IM40IGR Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
te.com
©2023 TE Connectivity Ltd. Family of Companies. All Rights Reserved.
Axicom, TE Connectivity, TE connectivity (logo) and Every Connection Counts are trademarks. All other logos, products and/or company names referred to herein might be
trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this document, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any changes to the information contained herein
without prior notice. TE Connectivity assumes only those obligations set forth in the terms and conditions for this product and shall in no event be liable for any incidental, indirect,
or consequential damages arising out of the sale, resale, use, or misapplication of the product. TE expressly disclaims any implied warranties with respect to the information
contained herein, including, but not limited to, implied warranties of merchantability or fitness for a particular purpose. Dimensions, specifications and/or information contained
herein are for reference purposes only and are subject to change without notice. Consult TE for the latest dimensions, specifications and/or information. Users of TE Connectivity
products must make their own assessment as to whether the respective product is suitable for the respective desired application.
06/23   ED
Notes:
1.
Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section.
2.
Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at
http://relays.te.com/definitions.
3.
Datasheets, product data, ‘Definitions’ section, application notes and all specifications are subject to change.
Product code
Arrangement
Perf. type
Coil
Coil type
Coil
Terminals
Part number
IM02PGR
High contact
stability
4.5VDC
Monostable
Standard
5-1462039-4
IM02PNS
THT narrow
5-1462039-8
IM03PGR
5VDC
SMT gull wing
5-1462039-5
IM03PJR
SMT J-leg
6-1462039-6
IM03PNS
THT narrow
5-1462039-9
IM06PGR
12VDC
SMT gull wing
5-1462039-6
IM06PNS
THT narrow
6-1462039-0
IM42PGR
4.5VDC
Bistable
SMT gull wing
5-1462039-7
IM42PNS
THT narrow
7-1462039-8
IM43PGR
SMT gull wing
7-1462039-3
IM46PNS
12VDC
THT narrow
6-1462039-1
3) Type VDE certified, for more information contact TE
Note:
This list represents the most common types and does not show all variants covered by this datasheet. Other types on request.
INDUSTRIAL /
AXICOM IM RELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com