Electronic Components Datasheet Search
  English  ▼

X  

15340264 Datasheet(PDF) 1 Page - Aptiv

Part # 15340264
Description  SICMA SEALED RELAY SOCKETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

15340264 Datasheet(HTML) 1 Page - Aptiv

  15340264 Datasheet HTML 1Page - Aptiv 15340264 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2023 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling a more sustainable future of
mobility.
Visit
aptiv.com
SICMA SEALED RELAY SOCKETS
SICMA Sealed Relay Socket 8W Female
BENEFITS
• Reliable connection to relay lasting throughout
entire vehicle life cycle
• Easily disconnected and reconnected during
relay change
FEATURES
• Sliding lever mate assist for easy mating to the
relay switch
• Standard to different EOBD (European on Board
Diagnostics) devices
AVAILABLE CONFIGURATIONS
APPLICATIONS
Cavity Count (ways)
8
Cavity Configurations (mm)
2.8, 8.0
Material
PBT GF 15
Genders
Female
Sealing Type
Cable Sealed
Pre-heating of diesel engines
Comfort heating of cockpit
Antipollution systems by EOBD
See back page for representative part numbers and packaging dimensions.
TEMPERATURE
IP68
IPX9K
< 95 N
SEALING
PROTECTION
+125°C
-40°C
CONNECTOR
MATING FORCE
VIBRATION
3 G


Similar Part No. - 15340264

ManufacturerPart #DatasheetDescription
logo
Aptiv
15340264 APTIV-15340264 Datasheet
1Mb / 2P
SICMA INLINE SEALED SERIES
More results

Similar Description - 15340264

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
41F HONGFA-41F Datasheet
125Kb / 3P
RELAY SOCKETS
49F HONGFA-49F_15 Datasheet
48Kb / 1P
RELAY SOCKETS
118F HONGFA-118F Datasheet
56Kb / 2P
RELAY SOCKETS
13F HONGFA-13F Datasheet
102Kb / 2P
RELAY SOCKETS
118FSOCKETS HONGFA-118FSOCKETS Datasheet
56Kb / 2P
RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
 RELAY SOCKETS
18FFSOCKETS HONGFA-18FFSOCKETS Datasheet
366Kb / 7P
RELAY SOCKETS
14FFSOCKETS HONGFA-14FFSOCKETS Datasheet
140Kb / 5P
RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
RELAY SOCKETS
logo
Littelfuse
99025 LITTELFUSE-99025 Datasheet
173Kb / 1P
RELAY SOCKETS
092016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com