Electronic Components Datasheet Search
  English  ▼

X  

15340264 Datasheet(PDF) 1 Page - Aptiv

Part # 15340264
Description  SICMA INLINE SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

15340264 Datasheet(HTML) 1 Page - Aptiv

  15340264 Datasheet HTML 1Page - Aptiv 15340264 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2023 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling a more sustainable future of
mobility.
Visit
aptiv.com
SICMA INLINE SEALED SERIES
SICMA Inline Sealed 6W
Female & Male
BENEFITS
• Clean body SICMA/BTS terminals are easily
inserted in housing cavity
• Tin, silver, gold plated terminals available
FEATURES
• Perfect solution for engine compartment
at body mount, higly exposed to dirt and water
• Reliable IP68 watertight 6 and 8 Way connector
and IP67 for the 24 Way connector
• 6 Way connector is equipped with a casing or
holder for corrugated pipe by hinge principle
AVAILABLE CONFIGURATIONS
APPLICATIONS
Cavity Count (ways)
6, 8, 24
Cavity Configurations (mm)
1.5, 2.8
Centerline Spacing
2-rows 6W: 5 x 6 pitch
2-rows 8W: 4.25 x 6 pitch
3-rows 24W: 3.33 x 5 pitch
Material
PBT
Genders
Female, Male
Sealing Type
6W, 8W – Cable Sealed
24W – Mat Sealed
Terminal Position
Assurance (TPA) Type
PLR (Active Secondary
Lock on 6W Female)
Connector Position
Assurance (CPA)
No
Exterior, chassis, engine compartment,
inline, female mated to device
See back page for representative part numbers and packaging dimensions.
TEMPERATURE
VIBRATION
V1
+125°C
-40°C
24 Way
6, 8 Way
IP67
IP68
SEALING
PROTECTION
< 60 N
CONNECTOR
MATING FORCE
Corrugated pipe type is IPx9K
guaranteed.


Similar Part No. - 15340264

ManufacturerPart #DatasheetDescription
logo
Aptiv
15340264 APTIV-15340264 Datasheet
998Kb / 2P
SICMA SEALED RELAY SOCKETS
More results

Similar Description - 15340264

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98438-1001 MOLEX-98438-1001 Datasheet
136Kb / 2P
NSCC/SICMA Female Wire-to-Board Housing
logo
List of Unclassifed Man...
ABC03N-16P ETC2-ABC03N-16P Datasheet
30Kb / 1P
INLINE RECEPTACLE CoNNECToR ABC SERIES
logo
CUI INC
IA-MS6335 CUI-IA-MS6335 Datasheet
282Kb / 3P
AUDIO INLINE ADAPTER
logo
Molex Electronics Ltd.
0988161110 MOLEX1-0988161110 Datasheet
59Kb / 1P
SICMA Rcpt Conn Unseald W/ Wht 1.5 10Ckt
logo
PHOENIX CONTACT
2727608 PHOENIX-2727608 Datasheet
90Kb / 3P
Inline connector, colored
logo
List of Unclassifed Man...
211CC2S2120 ETC-211CC2S2120 Datasheet
144Kb / 1P
SIcma 3 1.5x0.8 FEMALE TERMINAL
23/07/03
logo
CUI Devices
IA-MM2535 CUID-IA-MM2535 Datasheet
306Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MM6335B CUID-IA-MM6335B Datasheet
296Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MS2535 CUID-IA-MS2535 Datasheet
310Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-S2S3535 CUID-IA-S2S3535 Datasheet
311Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com