Electronic Components Datasheet Search
  English  ▼

X  

DB3 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # DB3
Description  SILICON BIDIRECTIONAL DIACS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DB3 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  DB3 Datasheet HTML 1Page - HY ELECTRONIC CORP. DB3 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●Three way layer two terminal, axial lead ,
hermetically sealed diacs are designed specifically for
triggering thyrisitors .The demonstrate low breakover current.
The breakover symmetry is within three volts(DB3,DB4)
or four volts(DB6).These diacs are intended for
use in thyrisitors phase control.,circuits for lamp
dimming universal motor speed control and heat
control
●This diocle is also avaiable in the DO-41case.
ABSOLUTE RATINGS
Power Dissipation on Printed
Cir cuit(L=10mm)
TA=50℃
Repetitive Peak on-state
Tp=10uS
Current
f=100HZ
Storage and Operating Juntion Temperature
℃
DB3
DB4
DB6
Min
28
35
56
Typ
32
40
60
Max
36
45
70
Output Voltage*
Min
V
Breakover Current*
Max
uA
Rise Time*
Typ
uS
NOTE:* Electrical characteristics applicable in both forward and reverse directions.
** Connected in parallel with the devices.
~ 211 ~
SILICON
BIDIRECTIONAL DIACS
POWER DISSIPATION
150 mW
uA
IB=0.5 VBO MAX
See FIG 3
See FIG 3
Leakage Current*
V
Min
Dynamic Breakover Voltage
See FIG 1
5
1
±△V1
Breakover Voltage*
C=22nf**
See Diagram 1
V
Breakover Voltage Symmetry
See Diagram 1
C=22nf**
V
VBO
1+VBOI-
1-VBOI
UNITS
A
mW
ELECTRICAL CHARACTERISTICS
PAPRAMETERS
TEST CONDITIONS
150
2.0
-44 to+125/-40 to+110
VALUE
Dimensions in inches and (millimeters)
PARAMETERS
DB3
DB4
VALUE
DB6
UNITS
SYMBOL
Pc
ITRM
TSTG/TJ
SYMBOLS
See FIG 2
VO
±3
△I=(IBO to IF=10mA)
Max
DB3,DB4,DB6
10
1.5
Max
IB
tr
5
100
C=22nf**
IBO
DO- 41
.107(2.7)
.080(2.0)
.034(0.9)
.028(0.7)
DIA
DIA
.205(5.2)
MAX
1.0(25.4)
MIN
1.0(25.4)
MIN
DO-35(GLASS)
MIN
1.083(27.5)
MAX
(2.0)
.079
MAX
.150(3.8)
MIN
1.083(27.5)
TYP.
(0.51)
.020


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
Silicon Bidirectional Diacs
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3M DSK-DB3M Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com