Electronic Components Datasheet Search
  English  ▼

X  

13716617 Datasheet(PDF) 1 Page - Aptiv

Part # 13716617
Description  SICMA MINI-SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

13716617 Datasheet(HTML) 1 Page - Aptiv

  13716617 Datasheet HTML 1Page - Aptiv 13716617 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2019 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Visit
aptiv.com
SICMA MINI-SEALED SERIES
SICMA Mini-Sealed 3W
Female & Male
BENEFITS
• Standard connection system
• Reliable inline harness sectioning connectors
featuring a mechanical coding
FEATURES
• Compatible with standard interface footprint
of several devices used in automotive and
commercial vehicles
• Jet spray water protection
• Compact design around 1.5 and 2.8 mm terminal
AVAILABLE CONFIGURATIONS
APPLICATIONS
Cavity Count (ways)
2, 3, 4, 5, 6, 6 Mixed
Cavity Configurations (mm)
1.5, 2.8
Material
PBT GF 30
Genders
Female, Male
Sealing Type
Mat Sealed
CPA
Optional for 2 Way
Body and chassis
Engine compartment
See back page for representative part numbers and packaging dimensions.
TEMPERATURE
IP68
IPX9K
< 80 N
SEALING
PROTECTION
+125°C
-40°C
CONNECTOR
MATING FORCE
VIBRATION
25 G


Similar Part No. - 13716617

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1371665 PHOENIX-1371665 Datasheet
184Kb / 4P
CLIPX ENGINEER DEVICE PARAMETERIZATION -Software
1371666 PHOENIX-1371666 Datasheet
184Kb / 4P
CLIPX ENGINEER DEVICE PARAMETERIZATION P - Software
More results

Similar Description - 13716617

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98438-1001 MOLEX-98438-1001 Datasheet
136Kb / 2P
NSCC/SICMA Female Wire-to-Board Housing
logo
GREATECS
RD81T GREATECS-RD81T Datasheet
222Kb / 1P
7.4 x 7.4 mm Sealed Mini Rotary DIP Switches (THR)
logo
Molex Electronics Ltd.
46055 MOLEX-46055 Datasheet
169Kb / 2P
Mini-Fit H2O??Sealed Interconnect System
logo
Tak Cheong Electronics ...
TCLS4148 TAK_CHEONG-TCLS4148 Datasheet
90Kb / 3P
500mW QUADRO Mini-MELF Hermetically Sealed Glass Fast Switching Diodes
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
Continental Device Indi...
SOD-80C CDIL-SOD-80C Datasheet
226Kb / 3P
SOD 80C (LL-34) Mini MELF Hermetically Sealed Glass Package
logo
TE Connectivity Ltd
C-794896 TEC-C-794896 Datasheet
139Kb / 1P
CAP, 2 CIRCUIT, SEALED APPLICATION, MINI UNIVERSAL MATE-N-LOK
logo
Molex Electronics Ltd.
0988161110 MOLEX1-0988161110 Datasheet
59Kb / 1P
SICMA Rcpt Conn Unseald W/ Wht 1.5 10Ckt
logo
C&K Components
ZMT CK-COMPONENTS-ZMT Datasheet
499Kb / 5P
Mini Size Sealed Snap-acting Switches
2022
logo
List of Unclassifed Man...
211CC2S2120 ETC-211CC2S2120 Datasheet
144Kb / 1P
SIcma 3 1.5x0.8 FEMALE TERMINAL
23/07/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com