Electronic Components Datasheet Search
  English  ▼

X  

15518641 Datasheet(PDF) 2 Page - Aptiv

Part # 15518641
Description  APEX® 2.8 SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

15518641 Datasheet(HTML) 2 Page - Aptiv

  15518641 Datasheet HTML 1Page - Aptiv 15518641 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
aptiv.com | © 2024 Aptiv. All rights reserved
Part numbers, specifications, dimensions and performance data in this document are for general references only and are subject to change without notice.
To verify product information, please contact an Aptiv representative.
DIMENSION MEASUREMENT SAMPLE
COMPATIBLE WITH
CS-SP38-APEX-En0124
Cavity count
Blade size (mm)
Gender
Dimensions W x H x D (mm)
Part number
Index
Color
Other indexes offered
2
2.8
F
24.8 x 25.7 x 40.1
10757672
A
Black
B, C, D
2
2.8
M
21.9 x 23.4 x 53.0
15488574
A
Black
B, C, D
3
2.8
F
28.2 x 21.9 x 40.1
10757671
A
Black
B, C, D
3
2.8
M
28.2 x 22.5 x 53.0
15394689
A
Black
B, C, D
4
2.8
F
32.6 x 22.2 x 40.1
15425692
A
Black
B, C, D
4
2.8
M
31.1 x 22.5 x 53.0
15489820
A
Black
B, C, D
5
2.8
F
36.0 x 23.4 x 41.3
33513170
A
Black
B, C, D
6
2.8
F
24.8 x 25.3 x 37.7
35063643
A
Black
B, C, D
6
2.8
M
24.4 x 26.3 x 53.0
15430633
A
Black
B, C, D
10
2.8
F
35.3 x 31.4 x 40.1
15316895
A
Black
B, C, D
10
2.8
M
32.4 x 29.1 x 53.0
15425612
A
Black
B, C, D
14
2.8
F
45.8 x 30.8 x 37.8
10763414
A
Black
B, C, D
14
2.8
M
46.2 x 29.2 x 53.1
10757674
A
Black
B, C, D
Please, contact an Aptiv representative for the full part number list.
EXPLODED VIEW
APEX® 2.8 Series Terminals
APEX® 2.8 Sealed
10W Female
APEX® 2.8 Sealed
10W Male
APEX® 2.8 Sealed
10W Female
APEX® 2.8 Sealed
10W Male
APEX® 2.8 Sealed
10W Female
Housing
Primary Lock
Reinforcement
(PLR)
Seal
retainer
Seal
Seal
Connector Position
Assurance (CPA)
Housing
Primary
Lock
Reinforcement
(PLR)
Seal
retainer
Seal
COMPATIBLE SEALS
Type
Applicable Wire Size (mm²)
Color
Restraint Ring
Part Number
Cable Seal
0.35 - 1.0
Pink
Yes
35296484
Cable Seal
1.0 - 2.0
Black
Yes
15518641
Cable Seal
2.5 - 4.0
Brown
Yes
15458498
Cavity Plug
N/A
Blue
Yes
35478080
Cavity Plug
N/A
White
No
15305170



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com