Electronic Components Datasheet Search
  English  ▼

X  

2SC5886 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5886
Description  High-Speed Swtching Applications DC-DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5886 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5886 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5886 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5886 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5886 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5886 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5886
2010-02-05
3
0.001
0.01
0.01
0.1
1
3
0.03
0.1
10
1
0.05
0.3
0.5
3
5
0.3
0.003
0.03
Common emitter
Tc
= 25°C
IC = 2.5 A
1 A
2 A
0.001
10
0.01
0.1
1
10
100
1000
30000
10000
3000
5000
300
500
30
50
0.003
0.03
0.3
3
Common emitter
VCE = 2 V
Tc
= 100°C
−55°C
25°C
0.001
0.01
0.01
0.1
1
10
0.1
1
30
10
3
5
0.3
0.5
0.03
0.05
0.003
0.03
0.3
3
Common emitter
IC/IB = 50
Tc
= −55°C
100°C
25°C
0.001
0.001
0.01
0.1
1
10
0.01
0.1
3
1
0.3
0.5
0.03
0.05
0.003
0.005
0.003
0.03
0.3
3
Common emitter
IC/IB = 50
Tc
= 100°C
−55°C
25°C
0
0
0.5
1
1.5
1
2
Common emitter
VCE = 2 V
−55°C
Tc
= 100°C
25°C
Collector-emitter voltage VCE
(V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Base current IB (A)
VCE – IB
0
0
2
4
6
8
2
4
6
Common emitter
Tc
= 25°C
10 mA
5 mA
2 mA
IB = 1 mA
70 mA
50 mA
20 mA
30 mA
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com