Electronic Components Datasheet Search
  English  ▼

X  

AD9744AR Datasheet(PDF) 14 Page - Analog Devices

Part # AD9744AR
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744AR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9744AR Datasheet HTML 10Page - Analog Devices AD9744AR Datasheet HTML 11Page - Analog Devices AD9744AR Datasheet HTML 12Page - Analog Devices AD9744AR Datasheet HTML 13Page - Analog Devices AD9744AR Datasheet HTML 14Page - Analog Devices AD9744AR Datasheet HTML 15Page - Analog Devices AD9744AR Datasheet HTML 16Page - Analog Devices AD9744AR Datasheet HTML 17Page - Analog Devices AD9744AR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9744
Rev. B | Page 14 of 32
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 2 mA to 20 mA range by setting IREF between
62.5 µA and 625 µA. The wide adjustment span of IOUTFS pro-
vides several benefits. The first relates directly to the power
dissipation of the AD9744, which is proportional to IOUTFS
(refer to the Power Dissipation section). The second relates to
the 20 dB adjustment, which is useful for system gain control
purposes.
The small signal bandwidth of the reference control amplifier is
approximately 500 kHz and can be used for low frequency small
signal multiplying applications.
DAC TRANSFER FUNCTION
Both DACs in the AD9744 provide complementary current
outputs, IOUTA and IOUTB. IOUTA provides a near full-scale
current output, IOUTFS, when all bits are high (that is, DAC
CODE = 16383), while IOUTB, the complementary output,
provides no current. The current output appearing at IOUTA
and IOUTB is a function of both the input code and IOUTFS and
can be expressed as
(
)
OUTFS
I
CODE
DAC
IOUTA
×
=
16384
/
(1)
(
)
OUTFS
I
CODE
DAC
IOUTB
×
−
=
/16384
16383
(2)
where DAC CODE = 0 to 16383 (that is, decimal representation).
As mentioned previously, IOUTFS is a function of the reference
current IREF, which is nominally set by a reference voltage,
VREFIO, and external resistor, RSET. It can be expressed as
REF
OUTFS
I
I
×
= 32
(3)
where
SET
REFIO
REF
R
V
I
/
=
(4)
The two current outputs will typically drive a resistive load di-
rectly or via a transformer. If dc coupling is required, IOUTA
and IOUTB should be directly connected to matching resistive
loads, RLOAD, that are tied to analog common, ACOM. Note that
RLOAD may represent the equivalent load resistance seen by
IOUTA or IOUTB as would be the case in a doubly terminated
50 Ω or 75 Ω cable. The single-ended voltage output appearing
at the IOUTA and IOUTB nodes is simply
LOAD
OUTA
R
IOUTA
V
×
=
(5)
LOAD
OUTB
R
IOUTB
V
×
=
(6)
Note that the full-scale value of VOUTA and VOUTB should not
exceed the specified output compliance range to maintain speci-
fied distortion and linearity performance.
(
)
LOAD
DIFF
R
IOUTB
IOUTA
V
×
−
=
(7)
Substituting the values of IOUTA, IOUTB, IREF, and VDIFF can be
expressed as
(
)
[
]
()
REFIO
SET
LOAD
DIFF
V
R
R
CODE
DAC
V
×
×
−
×
=
/
16384
/
16383
32
2
(8)
Equation 7 and Equation 8 highlight some of the advantages
of operating the AD9744 differentially. First, the differential
operation helps cancel common-mode error sources associated
with IOUTA and IOUTB, such as noise, distortion, and dc
offsets. Second, the differential code dependent current and
subsequent voltage, VDIFF, is twice the value of the single-ended
voltage output (that is, VOUTA or VOUTB), thus providing twice the
signal power to the load.
Note that the gain drift temperature performance for a single-
ended (VOUTA and VOUTB) or differential output (VDIFF) of the
AD9744 can be enhanced by selecting temperature tracking
resistors for RLOAD and RSET due to their ratiometric relationship,
as shown in Equation 8.
ANALOG OUTPUTS
The complementary current outputs in each DAC, IOUTA,
and IOUTB may be configured for single-ended or differential
operation. IOUTA and IOUTB can be converted into comple-
mentary single-ended voltage outputs, VOUTA and VOUTB, via a
load resistor, RLOAD, as described in the DAC Transfer Function
section by Equation 5 through Equation 8. The differential
voltage, VDIFF, existing between VOUTA and VOUTB, can also be
converted to a single-ended voltage via a transformer or
differential amplifier configuration. The ac performance of the
AD9744 is optimum and specified using a differential trans-
former-coupled output in which the voltage swing at IOUTA
and IOUTB is limited to ±0.5 V.
The distortion and noise performance of the AD9744 can be
enhanced when it is configured for differential operation. The
common-mode error sources of both IOUTA and IOUTB can
be significantly reduced by the common-mode rejection of a
transformer or differential amplifier. These common-mode
error sources include even-order distortion products and noise.
The enhancement in distortion performance becomes more
significant as the frequency content of the reconstructed wave-
form increases and/or its amplitude decreases. This is due to the
first-order cancellation of various dynamic common-mode
distortion mechanisms, digital feedthrough, and noise.
Performing a differential-to-single-ended conversion via a
transformer also provides the ability to deliver twice the
reconstructed signal power to the load (assuming no source
termination). Since the output currents of IOUTA and IOUTB
are complementary, they become additive when processed
differentially. A properly selected transformer will allow the
AD9744 to provide the required power and voltage levels to
different loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com